Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2000DM006 Datasheet(PDF) 14 Page - Seagate Technology LLC

Part # ST2000DM006
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM006 Datasheet(HTML) 14 Page - Seagate Technology LLC

Back Button ST2000DM006 Datasheet HTML 10Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 11Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 12Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 13Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 14Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 15Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 16Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 17Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 18Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
13
www.seagate.com
Drive Specifications
*During periods of drive idle, some offline activity may occur according to the S.M.A.R.T. specification, which may increase acoustic and power to
operational levels.
†5W IDLE with DIPLM Enabled
2.8.2 Conducted noise
Input noise ripple is measured at the host system power supply across an equivalent 80-ohm resistive load on the +12 volt
line or an equivalent 15-ohm resistive load on the +5 volt line.
• Using 12-volt power, the drive is expected to operate with a maximum of 120 mV peak-to-peak square-wave injected
noise at up to 10MHz.
• Using 5-volt power, the drive is expected to operate with a maximum of 100 mV peak-to-peak square-wave injected
noise at up to 10MHz.
Table 2
DC power requirements (3-disk: 3TB and 2TB models)
Power dissipation (3-disk values shown)
Avg (watts 25° C)
Avg 5V typ amps
Avg 12V amps
Spinup
—
—
2.0A or 2.5A
Idle2* †
5.40
0.190
0.377
Operating
8.00
0.510
0.462
Standby
0.75
0.136
0.005
Sleep
0.75
0.136
0.005
Table 3
DC power requirements (1-disk: 1TB and 500GB models)
Power dissipation (1-disk values shown)
Avg (watts 25° C)
Avg 5V typ amps
Avg 12V typ amps
Spinup
—
—
2.0
Perf Idle* †
4.6
0.378
0.224
Operating
5.3
0.656
0.243
Standby
0.94
0.350
0.010
Sleep
0.94
0.350
0.010
Note
Equivalent resistance is calculated by dividing the nominal voltage by the typical RMS read/write current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com