Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE Datasheet(PDF) 20 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 20 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 16Page - Winchester Electronics Corporation SLE Datasheet HTML 17Page - Winchester Electronics Corporation SLE Datasheet HTML 18Page - Winchester Electronics Corporation SLE Datasheet HTML 19Page - Winchester Electronics Corporation SLE Datasheet HTML 20Page - Winchester Electronics Corporation SLE Datasheet HTML 21Page - Winchester Electronics Corporation SLE Datasheet HTML 22Page - Winchester Electronics Corporation SLE Datasheet HTML 23Page - Winchester Electronics Corporation SLE Datasheet HTML 24Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
XAC
9
Omit steps not required
PM
0
00
1A
■
Step 9
Special Gaskets:
Omit letter when gaskets
are not required.
**
G- Bulkhead gasket, style
#0000G. Use only
when mounting plate is
specified.
**
F- Face gasket, style
#0000F. Use with
male insert only.
**
B- If both gasket #0000G
and gasket #0000F
are desired.
**
Check plant for availability
**
on all gaskets.
■
Step 8
Mounting Plate:
00- When no
mounting
plate is
required
*10- Mounting
plate, style
#0010.
Note: See section
XMRA/E RP/
57.
*Mounting plates
are not used with
“M”, “C” or “D”
jackscrews.
■
Step 7
(See
bottom
chart)
■
Step 6
Polarization
Position:
A, B, C, D,
E, F or G.
Omit letter
when
polarization
is not
required.
■
Step 5
Shell Type:
**
0 No shell
**
1 Plug shell,
style 1*000.
**
2 Receptacle
shell, style
2*000.
**
3 Plug shell,
monojack
type,
style 3*000.
**
4 Receptacle,
monojack type,
style 4*000.
**
7 Stainless Steel
Plug shell, style
7*000.
**
8 Stainless Steel
Receptacle shell,
style 8*000.
**
Polarizing Position
**
Request availability
**
information
■
Step 4
Jackscrews
(See
bottom
chart)
■
Step 3
Pin or
Socket
Contacts:
P - Pin
S - Socket
■
Step 1
Series:
XAC, XNAC
Numerical
contact
identification
on sizes 34,
50, and 104.
■
Step 2
No. of
Contacts:
9, 14, 18, 20,
26, 34, 42,
50, 66, 75,
and 104
See note 1
below
Guides
**
G-
Cylindrical guide with single spring member.
Recommended for ground only.
**
K-
Cylindrical guide with four spring members.
May be used for electrical contact.
**
N-
Cylindrical guide without spring member.
Recommended for extra mechanical strength.
Jackscrews and Jacksockets
*** M- Polarized short turnable jackscrew and
jacksocket. Cannot be used with hoods.
***
C- Polarized long turnable jackscrew and
jacksocket for use with hoods.
***
D- Polarized one-piece mono-jackscrew and
mono-jacksocket (no separate knob); to be
used with hoods on sizes: 34, 42, 50, 66, 75,
and 104.
***
***
F- Polarized fixed jackscrew and jacksocket
usable with or without hood; (no knob
required).
** MW- Same as M but with knurled round knob with
internal hex.
** MU- Same as M but with knurled round knob with
screwdriver slot.
**
MX- Same as M but with hex knob.
**
CW- Same as C but with knurled round knob with
internal hex.
**
CU- Same as C but with knurled round knob with
screwdriver slot.
** CX- Same as C but with hex knob.
** CZ- Same as C but with prybar knob.
**
Request availability information
*** Material: Nickel Plated Brass standard
■
Step 4
■
Step 7
Formed Hoods:
0- No Hood.
3- Hood, top opening, style #0300, for use with Type “C”
or “D” jackscrews.
4- Hood, side opening, style #0400, for use with Type “C”
or “D” jackscrews.
5- Hood, top opening, style #0500J, for use with “F”
style jackscrews.
6- Hood, side opening, style #0600J, for use with “F”
style jackscrews.
Deep Drawn Hoods:
7- Hood, top opening, style #0700, for use with Type “C”
or “D” jackscrews.
8- Hood, side opening, style #0800, for use with Type “C”
or “D” jackscrews.
9- Hood, top opening, style #0900, for use with
“F” jackscrews.
2- Hood, side opening, style #0200, for use with
“F” jackscrews.
Note: Addition of “X” to code # indicates cable opening
larger than std. See hoods for cable opening size.
Example: XAC20PC1A300 X
Note: 1. Contacts are ordered separately. See 100 Series contact section of Rack & Panel
External Miniature Rectangular, Removable Contacts
XAC Series
Ordering Informations
RP /
20
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com