Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE Datasheet(PDF) 92 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 92 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 85Page - Winchester Electronics Corporation SLE Datasheet HTML 86Page - Winchester Electronics Corporation SLE Datasheet HTML 87Page - Winchester Electronics Corporation SLE Datasheet HTML 88Page - Winchester Electronics Corporation SLE Datasheet HTML 89Page - Winchester Electronics Corporation SLE Datasheet HTML 90Page - Winchester Electronics Corporation SLE Datasheet HTML 91Page - Winchester Electronics Corporation SLE Datasheet HTML 92Page - Winchester Electronics Corporation SLE Datasheet HTML 93Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 92 / 93 page
background image
Automatic Feed Crimping Tool
600/1200 Crimps Per Hour
Catalog Number
107-0961
Air operated tool provides for a large
capacity reel and foot valve control.
Crimp depths are accurately controlled
by interchangeable snap-in depth
blocks when the tool is bench
mounted. Leaves operator’s hands
free. (Does
not include reel or foot valve control.)
Includes crimp depth blocks.
Automatic Crimp Tool made up of
bench mount (107-0962) and crimp t
ool (107-0960). Used to crimp 100-
10**P/S, 100-20**P/S, 100-510**S
Series.
Pneumatic Hand Crimping Tool
400 Crimps Per Hour
Catalog Number
107-0918
Requires 80/120 psi. Crimp depth
adjustment made by internal screw.
Locators, adaptor sleeves, and gage
plugs should be ordered separately.
Locator 107-0945 and adapter
107-0950 supplied with tool.
Hand Operated Crimping Tool
200/300 Crimps Per Hour
Catalog Number
107-0903-2A
(Mil-T-22520 Class II Equivalent)
Gage plugs should be ordered sepa-
rately. Locator 107-0945 and Spanner
wrench 107-1102 supplied with tool.
Miniature Hand Operated
Crimping Tool
Catalog Number
107-43300
This miniature version of the MS
crimping tool is suited for the smaller
crimp contacts such as the SREC
series. It is only 7 1/2 inches long and
weighs 10 1/2 ounces. Positioners are
ordered separately.
Miniature Hand Operated
Crimping Tool
Catalog Number
107-0625
Miniature tool with a continuously
variable crimp depth adjustment.
Locators must be ordered separately.
Tool Kit
Catalog Number
107K4
Includes crimping tool 107-0903-2A,
locator 107-0945, insertion tool 107-1015,
removal tool 107R-1001, spanner wrench
107-1102 and go/no-go gages 5431.
Hand Operated Crimping Tool
200/500 Crimps Per Hour
Catalog Number
107-0970
MS—3191-2 (Mil-T-22520 Class I)
Ruggedly built hand tools with forged
body, and four indentors machined from
high grade tool steel. Size approxi-
mately 9 inches long. Weight approxi-
mately 19 ounces.
107 Series
Crimping Tools and Accessories
RP /
92
www.winconn.com
Pneumatic And Hand Crimping Tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com