Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE Datasheet(PDF) 72 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 72 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 68Page - Winchester Electronics Corporation SLE Datasheet HTML 69Page - Winchester Electronics Corporation SLE Datasheet HTML 70Page - Winchester Electronics Corporation SLE Datasheet HTML 71Page - Winchester Electronics Corporation SLE Datasheet HTML 72Page - Winchester Electronics Corporation SLE Datasheet HTML 73Page - Winchester Electronics Corporation SLE Datasheet HTML 74Page - Winchester Electronics Corporation SLE Datasheet HTML 75Page - Winchester Electronics Corporation SLE Datasheet HTML 76Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
This connector was developed for applica-
tions requiring moderately high voltage
ratings, this connector of minimum bulk and
weight is particularly well adapted to Photo-
Flash, Aircraft, Instumentation and Communi-
cations Equipment.
N
Nylon Nut
PM6SLR
Receptacle with lock ring
PM6H
Hood
PM6PLS
Plug with lock spring
Polarization: Body design makes it
impossible to make connection
except in proper position.
Mounting:
Cable or panel mounted. Use
nylon nut applied to either plug
or receptacle.
Lock Ring (and
lock spring): Prohibits connector rotation
on panel mounting and when
engaged with lock spring,
prevents accidental disconnec-
tion due to vibration, etc.
Hood:
Molded diallyl phthalate cable
hood may be applied to either
plug or receptacle.
Current Rating: 7.5 amps
No. of
Contacts:
6
Pin Contacts: .040 dia. brass, gold plated
Socket
Contacts:
Spring temper phosphor
bronze, gold plated
Terminations: .048 dia. solder cup accepts
up to #20 AWG stranded
wire.
Electrical Data: Dielectric withstanding
voltage is one minute
electrification at 3560 VAC.
Dielectric:
Molded Diallyl phthalate per
MIL-M-14, type SDG-F.
Color Gray.
PM6PLS- Connector, plug with lock spring
PM6SLR- Connector, receptacle with lock ring
PM6PLR- Connector, plug with lock ring
PM6SLS- Connector, receptacle with lock spring
PM6P-
Connector, plug without vibration lock
PM6S-
Connector, receptacle without vibration lock
Add
H-
to above numbers when ordering hoods
Add
N-
to above numbers when ordering nylon nut
.53
.0995 Dia.
30O
.875
Dia.
1.125
1.219
Nut
Molding
.048 Dia.
Solder Cup
.94
Hex
.53
.25
.13
.025
.16
.22
.015
.13
.25
.53
.36
.22
7/8 20 UNEF 2A
1.031
.38 Dia.
Cable Opening
1.266
.78 Dia.
Panel Drilling
PM6SLRN
Receptacle
PM6PLS
Plug
PM6H
Hood
PM6 Series
RP /
72
www.winconn.com
Outline
Specifications
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com