Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE Datasheet(PDF) 12 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 12 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 8Page - Winchester Electronics Corporation SLE Datasheet HTML 9Page - Winchester Electronics Corporation SLE Datasheet HTML 10Page - Winchester Electronics Corporation SLE Datasheet HTML 11Page - Winchester Electronics Corporation SLE Datasheet HTML 12Page - Winchester Electronics Corporation SLE Datasheet HTML 13Page - Winchester Electronics Corporation SLE Datasheet HTML 14Page - Winchester Electronics Corporation SLE Datasheet HTML 15Page - Winchester Electronics Corporation SLE Datasheet HTML 16Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 93 page
background image
Plug: The complete connector half which
has the plug shell as part of its assembly.
Receptacle: The complete connector half
which has the receptacle shell as part of its
assembly.
Shell: The metal housing in which a male or
female insert is assembled. A shell is either a
plug shell or a receptacle shell:
Plug Shell - one which is designed to be
inserted into a receptacle shell.
Receptacle Shell - one which is designed
to receive and enclose the plug shell upon
engagement.
Male Insert: The molded insulator body
containing pin contacts.
Female Insert: The molded insulator body
containing socket contacts.
Pin Contacts: Male Contacts that fit into the
socket contacts.
Socket Contacts: Female Contacts tubular
in shape, which receive the pin contacts and
retain them by spring tension.
Polarization: A means of controlling the
engagement of a plug and receptacle so that
correct mating of the contacts is achieved.
Accessories: Those components such as
hoods and mounting plates which are
attachable to a plug or receptacle to facilitate
mounting and/or handling of the connector,
and to prevent inadvertent cross-mating.
Self-locking
pins
Jackscrew
and
Jacksocket
Knobs
Receptacle
Plug Shell
Male Insert
Mounting Plate
Receptacle Shell
Female Insert
Fixed
Jackscrew
Fixed
Jacksocket
Turnable
Jacksocket
Turnable
Jackscrew
External Miniature Rectangular, Removable Contacts
XAC Series
Connector Assemblies
Definition of Connector Terms
RP /
12
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com