Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE Datasheet(PDF) 70 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 70 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 66Page - Winchester Electronics Corporation SLE Datasheet HTML 67Page - Winchester Electronics Corporation SLE Datasheet HTML 68Page - Winchester Electronics Corporation SLE Datasheet HTML 69Page - Winchester Electronics Corporation SLE Datasheet HTML 70Page - Winchester Electronics Corporation SLE Datasheet HTML 71Page - Winchester Electronics Corporation SLE Datasheet HTML 72Page - Winchester Electronics Corporation SLE Datasheet HTML 73Page - Winchester Electronics Corporation SLE Datasheet HTML 74Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 93 page
background image
Omit steps not required
■
Step 1
Insert Series
Code:
SRM - When
protective
shells are not
required.
XSRM - When
protective
shells are
required.
■
Step 2
Number of
Contacts:
5, 7, 11,
14, 20, 26,
34, 50, 75
and 104.
Guides
NSS - Standard stainless steel cylindrical guides.
N -
Brass cylindrical guides. Plated, gold over copper.
Jackscrews and Jacksockets
C -
Polarized long turning jackscrew and jacksocket for
use with hoods.
F -
Polarized fixed jackscrew and jacksocket.
M -
Polarized short turning jackscrew and jacksocket.
J -
Non-polarized short turning jackscrews.
L -
Non-polarized long turning jackscrews.
R -
Non-polarized fixed jacksockets.
■
Step 3
Contact
Designation:
P - Pin
S - Socket
■
Step 4
Type of
Contact:
Blank =
Standard
Solder Cup
This step to be
used only when a
special material,
finish, or style is
required. Omit
when standard
contacts are used.
Consult Sales
Department for
proper designation
of Dip Solder
Terminations
■
Step 5
Guides:
(See bottom
Chart)
■
Step 6
Shell Type:
0 -Shell not
required
SRM
Series
1 -Plug shell
XSRM
Series
2 -Receptacle
shell
XSRM
Series
■
Step 7
Polarization
Position:
A, B, C, D, E, F
or G. Omit
letter when
polarization of
shell is not
required.
■
Step 8
Hoods:
0 -When no
hood
required.
3 -Standard size
top cable
opening. If
extra large
cable
opening is
desired, add
“X” to end of
catalog
number.
4 -Standard size
side cable
opening. If
extra large
cable
opening is
desired, add
“X” to end of
catalog
number.
5 -Top opening
hood for use
with guides.
6 -Side opening
hood for use
with guides.
■
Step 10
“0” fill to
complete
part number
■
Step 9
“0” fill to
complete
part number
■
Step 5
SRM
26
P
C
0
300
SRM Series
RP /
70
www.winconn.com
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com