Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE Datasheet(PDF) 62 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 62 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 58Page - Winchester Electronics Corporation SLE Datasheet HTML 59Page - Winchester Electronics Corporation SLE Datasheet HTML 60Page - Winchester Electronics Corporation SLE Datasheet HTML 61Page - Winchester Electronics Corporation SLE Datasheet HTML 62Page - Winchester Electronics Corporation SLE Datasheet HTML 63Page - Winchester Electronics Corporation SLE Datasheet HTML 64Page - Winchester Electronics Corporation SLE Datasheet HTML 65Page - Winchester Electronics Corporation SLE Datasheet HTML 66Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
■
Step 5
Polarization Positions:
Blank = Non-Polarized
Polarization available in 50 contact
configuration only. Choice of any
combination of 24 center positions.
Specify polarizing positions required.
Positions top to bottom are: A, B, C, D,
E, F, H, J, K, L, M, N, P, R, S, T, U, V,
W, X, Y, Z, a, b.
When 74 contacts are required no
polarization other than hardware
polarization is available.
■
Step 3
No. of Contacts:
50 or 74
■
Step 4
Contact Type:
S = Socket
P = Pin
■
Step 1
Series Code:
Series 42
■
Step 2
Hardware and
Accessories:
(See bottom chart)
SOLDER CUP PLUG (Clipped-in Contacts)
34 = Molding, No Hardware
35 = Molding, With Guides
36 = Molding, With Fixed Jackscrews
52 = Molding, With Short-Turning Jackscrews
53 = Molding, With Long-Turning Jackscrews
54 = Molding, With Guides and Hood
55 = Molding, With Long-Turning Jackscrews
55 = and Hood
SOLDER CUP RECEPTACLE (Clipped-in Contacts)
40 = Molding, No Hardware
41 = Molding, With Guides
42 = Molding, With Short-Turning Jackscrews,
42 = No Hood
43 = Molding, With Long-Turning Jackscrews,
42 = No Hood
44 = Molding, With Guides and Hoods
45 = Molding, With Long-Turning Jackscrews
42 = and Hood
46 = Molding, With Fixed Jackscrews
50 /74 P /S
42
36
Solder Cup, Clipped-in Contacts
.100 Typ.
.06 R
.38
2.802
3.125
Solder Cup
.035 Dia.
Typ.
.100 (Typ.)
.31
.23
.69
6-32 UNC 2-A
THD. Typ.
1.563
.38 x 1.41
Cable Opening
.030 Dia. Typ.
1.469
.23
.69
.17
4-40 UNC 2-A
THD. Typ
42 Series
Outline
Ordering Information
RP /
62
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com