Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE Datasheet(PDF) 75 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 75 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 71Page - Winchester Electronics Corporation SLE Datasheet HTML 72Page - Winchester Electronics Corporation SLE Datasheet HTML 73Page - Winchester Electronics Corporation SLE Datasheet HTML 74Page - Winchester Electronics Corporation SLE Datasheet HTML 75Page - Winchester Electronics Corporation SLE Datasheet HTML 76Page - Winchester Electronics Corporation SLE Datasheet HTML 77Page - Winchester Electronics Corporation SLE Datasheet HTML 78Page - Winchester Electronics Corporation SLE Datasheet HTML 79Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 93 page
background image
M4PLSH10
Plug with lock spring and hood
M4SLRGN
Receptacle with lock ring,
ground lug and nut
M10SLRN
Receptacle with lock ring
and nut
M10PLSH19
Plug with lock spring and
hood
N
Nylon Nut
M12SLS12
Receptacle with lock spring
M12P
Plug
M12H
Hood with lock shell
The extreme compactness and lightweight of
M connectors make them ideal for such
applications as strain gauges, telemetry and
pressure pick-up installations in aircraft,
portable equipment and instrumentation.
Polarization: Body design permits engage-
ment in proper position only.
Mounting:
For 1/16" panel mounting of
either plug or receptacle use
cadmium plated brass nut for
M4-10, nylon nut for M12.
Add “
N” to code number.
Lock Ring (and
lock spring): May be applied to plug or
receptacle to stop connector
rotation on panel. When
engaged with lock spring,
prevents accidental disconnec-
tion due to vibration, etc.
Ground Lug: Can be used to ground any of
the 4 contacts on M4 connec-
tor. Add “
G” to code number.
Hood:
Anodized aluminum or brown
mineral filled diallyl phthalate
hoods may be applied to plug
or receptacle of M4-M10. With
or without cable clamps to
provide additional strain relief
for the cable.
Current Rating: 7.5 amps
No. of
Contacts:
4, 5, 7, 9, 10, 12
Pin Contacts: .040 dia. brass, gold plated
Socket
Contacts:
Spring temper phosphor
bronze, gold plated
Terminations: .048 dia. solder cup accepts
up to #20 AWG stranded wire.
M12 - .043 dia. solder cup
accepts up to #20 AWG
stranded wire.
Electrical Data: The dielectric withstanding
voltage is one minute
electrification at 1500 VAC.
(2250 VAC for M12).
Dielectric:
Brown mineral filled diallyl
phthalate. Also available in
gray glass filled diallyl
phthalate, per MIL-M-14,
SDG-F.
M Series
High Voltage Miniature / #20 Contacts / .040" Dia. / 7.5 Amps
RP /
75
www.winconn.com
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com