Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE Datasheet(PDF) 45 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 45 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 41Page - Winchester Electronics Corporation SLE Datasheet HTML 42Page - Winchester Electronics Corporation SLE Datasheet HTML 43Page - Winchester Electronics Corporation SLE Datasheet HTML 44Page - Winchester Electronics Corporation SLE Datasheet HTML 45Page - Winchester Electronics Corporation SLE Datasheet HTML 46Page - Winchester Electronics Corporation SLE Datasheet HTML 47Page - Winchester Electronics Corporation SLE Datasheet HTML 48Page - Winchester Electronics Corporation SLE Datasheet HTML 49Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
RP /
45
Plug: The complete connector half which has
the plug shell as part of its assembly.
Receptacle: The complete connector half
which has the receptacle shell as part of its
assembly.
Shell: The metal housing in which a male or
female insert is assembled. A shell is either a
plug shell or a receptacle shell.
Plug Shell: One which is designed to be
inserted into a receptacle shell.
Receptacle Shell: One which is designed to
receive and enclose the plug shell upon
engagement.
Male Insert: The molded insulator body
containing pin contacts.
Femal Insert: The molded insulator body
containing socket contacts.
Pin Contacts: Male metal conductors that fit
into the socket contacts.
Socket Contacts: Female metal conductors,
tubular in shape, which receive the pin
contacts and retain them by spring tension.
Polarization: A means of controlling the
engagement of a plug and receptacle so that
correct mating of the contacts is achieved.
Potting Form: A plastic mold used to retain
and shape the sealing compound during the
moisture-proofing, or potting operation.
Potting: A method of moisture-proofing the
back of a plug or receptacle and the soldered
wire connections by injecting a free flowing
sealing compound into a pre-shaped form and
allowing it to set. The result is a homoge-
neous mass, chemically bonded to the back
of the insert and around the soldered
connections.
Accessories: Those components such as
hoods, mounting plates and finger grips which
are attachable to a plug or receptacle to
facilitate mounting and/or handling of the
connector.
XMRA & XMRE Series
www.winconn.com
Connector Assemblies
Connector Terms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com