Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE Datasheet(PDF) 11 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 11 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 7Page - Winchester Electronics Corporation SLE Datasheet HTML 8Page - Winchester Electronics Corporation SLE Datasheet HTML 9Page - Winchester Electronics Corporation SLE Datasheet HTML 10Page - Winchester Electronics Corporation SLE Datasheet HTML 11Page - Winchester Electronics Corporation SLE Datasheet HTML 12Page - Winchester Electronics Corporation SLE Datasheet HTML 13Page - Winchester Electronics Corporation SLE Datasheet HTML 14Page - Winchester Electronics Corporation SLE Datasheet HTML 15Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
Designed for external installation, the XAC is
the MRAC removable contact connector
equipped with protective shells and mounting
plates for chassis or cable mounting on metal
containers, bulkheads, or any outside surface
equipment. Lighter and smaller than other
external connectors, they provide dependable
service under adverse conditions. Inserts are
housed in protective shells and there is screw
lock coupling of plug and receptacle.
Current Rating: Up to 13 amps
No. of
Contacts:
9, 14, 18, 20, 26, 34, 42, 50,
66, 75, 104
Contacts:
Contacts must be ordered
separately. Select from
crimp, solder, dip solder,
shielded or wire wrap
terminations.
Electrical Data: Meets high potential
performance requirements of
MIL-C-28748. The dielectric
withstanding voltage is one
minute electrification at
2000 VAC.
Military versions are QPL’d to
M28748/3 and M28748/4.
Dielectric:
Diallyl Phthalate, MIL-M-14,
Type SDG-F, Color Gray
Polarization: Seven positions available for
pin and slot polarization on
shells. Additional polariza-
tion can be provided with
various arrangements of
jackscrews and guides.
Accessories: Shells, formed and drawn
hoods, mounting plates,
jackscrews and jacksockets.
XAC34SF2A010
XAC34PM1A000
XAC34PC1A700
CATALOG NO.
XMRE75-0400XS MS 18192SXX
XMRE75-0400XP MS 18192-S6
XMRA66-0700
MS 18193-T1
XMRA66-0800
MS 18193-S1
XMRA 104-0700
MS 18193-T2
XMRA 104-0800
MS 18193-S2
XJTCMS605P
MS 18194-1
XJTCMS605S
MS 18194-2
XJTCMS608P
MS 18194-3
XJTCMS608S
MS 18194-4
XJTMS605P
MS 18195-1
XJTMS605S
MS 18195-2
XJTMS606P
MS 18195-3
XJTMS606S
MS 18195-4
XJMS602P
MS 18196-1
XJMS602S
MS 18196-2
CATALOG NO.
XAC9-0300X
MS 18192-T8
XAC14-0300X
MS 18192-T1
XAC20-0300X
MS 18192-T2
XMRE9-0400X
MS 18192-S8
XMRE14-0400X
MS 18192-S1
XMRE20-0400X
MS 18192-S2
XMRE26-0300X
MS18192-T9
XMRE26-0400X
MS 18192-S9
XMRE34-0300X
MS18192-T3
XMRE34-0400X
MS 18192-S3
XMRE42-0300X
MS 18192-T4
XMRE42-0400X
MS 18192-S4
XMRE50-0300X
MS18192-T5
XMRE50-0400X
MS 18192-S5
XMRE75-0300XP MS 18192-T6
XMRE75-0300XS MS 18192-TXX
CATALOG NO.
XJMS603P
MS 18196-3
XJMS603S
MS 18196-4
XNMS700P
MS 18197-1
XNMS700S
MS 18197-2
XNMS702P
MS 18197-3
XNMS702-S
MS 18197-4
XMRA 14-0010
MS 18198-1
XMRA 20-0010
MS 18198-2
XMRA 34-0010
MS 18199-1
XMRA42-0010
MS 18199-2
XMRA50-0010
MS 18199-3
XMRA75-0010
MS 18199-4
XMRA66-0010
MS 18200-1
XMRA104-0010
MS 18200-2
External Miniature Rectangular, Removable Contacts
XAC Series
RP /
11
www.winconn.com
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com