Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  SLE Datasheet HTML 1Page - Winchester Electronics Corporation SLE Datasheet HTML 2Page - Winchester Electronics Corporation SLE Datasheet HTML 3Page - Winchester Electronics Corporation SLE Datasheet HTML 4Page - Winchester Electronics Corporation SLE Datasheet HTML 5Page - Winchester Electronics Corporation SLE Datasheet HTML 6Page - Winchester Electronics Corporation SLE Datasheet HTML 7Page - Winchester Electronics Corporation SLE Datasheet HTML 8Page - Winchester Electronics Corporation SLE Datasheet HTML 9Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
Page
Description
Series
Rack & Panel
Rectangular ■ Miniature ■ Subminiature ■ Environmental ■ Removable Contacts
While the information in this publication is believed to be accurate and reliable, all data presented is
subject to change without notice. Winchester Interconnect disclaims responsibility for any damages
resulting from application or any incompleteness or inaccuracies in the information presented.
Consult factory for specific information on the latest design specifications.
MRAC
Miniature Rectangular Connectors With Removable Contacts
2- 10
XAC
External Miniature Rectangular Connectors With Removable Contacts
11 - 20
TMRAC
Heavy Duty, Industrial and Commercial, Miniature Rectangular
Rack and Panel Connectors With Removable Contacts
21 - 22
TXAC
Heavy Duty, Industrial and Commercial, External Miniature Rectangular
Rack and Panel Connector With Removable Contacts
23 - 24
MRA
Miniature Rectangular / #16 Contacts / .062" Dia. / 13 Amps
25 - 33
MRE
Miniature Rectangular / #20 Contacts / .040" Dia. / 7.5 Amps
34 - 43
XMRA and
XMRE
External Miniature Rectangular / #16 Contacts / .062" Dia. / 13 Amps
#20 Contacts / .040" Dia. / 7.5 Amps
44 - 53
SLE, SME
and SRE
Sub Miniature / High Density Rectangular / .025" Dia. / 3
Amps .030" Dia. / 5 Amps ■ .040" Dia. / 7.5 Amps
54 - 57
SREC
Sub Miniature Rectangular Connector With Removable Contacts
58 - 60
42
Panel Mount Miniature / 22 AWG / .030" Dia. / 5 Amps
61 - 64
SRM
Sub Miniature Rectangular / #20 Contacts / .040" Dia. / 7.5 Amps
65 - 70
PM1
High Voltage, Single Contact / #20 Contacts / .040" Dia. / 7.5 Amps
71
PM6
High Voltage Miniature / #20 Contacts / .040" Dia. / 7.5 Amps
72
SM
Sub Miniature / #20 Contacts / 3 and 7.5 Amps
73 - 74
M
High Voltage Miniature / #20 Contacts / .040" Dia. / 7.5 Amps
75 - 78
JF
Miniature Side Mount / #20 Contacts / .040" Dia. / 7.5 Amps
79 - 81
JFA
Miniature Side Mount / #16 Contacts / .062" Dia. / 13 Amps
82
100
Removable Contacts
83 - 91
107
Tools and Accessories
92 - 93
Contact a Winchester Interconnect sales representative for
your V.35 Rack & Panel Data Communications Connectors
www.winconn.com
Table Of Contents


Similar Part No. - SLE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
Snap-Lock Environmentally Sealed - Rectangular
logo
Sanyou Corporation Limi...
SLE SANYOU-SLE Datasheet
157Kb / 3P
Photovoltaic Relay
logo
Automatic Timing & Cont...
SLE ATC-SLE Datasheet
293Kb / 1P
Phase Monitor
SLE-120-ALE ATC-SLE-120-ALE Datasheet
293Kb / 1P
Phase Monitor
SLE-230-ALE ATC-SLE-230-ALE Datasheet
293Kb / 1P
Phase Monitor
More results

Similar Description - SLE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
Rack and Panel Connectors
22-Aug-00
logo
ITT Industries
DPA ITT-DPA Datasheet
127Kb / 4P
Miniature Rack and Panel
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
Rack and Panel Filter Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
Rack and Panel Connectors
15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
Rack and Panel Connectors
08-Feb-07
logo
ITT Industries
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
Cannon Rack and Panel Connectors
logo
Amphenol Sine Systems C...
PRM ASS-PRM Datasheet
2Mb / 6P
Panel Rack Mount Power Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com