Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE Datasheet(PDF) 32 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 32 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 28Page - Winchester Electronics Corporation SLE Datasheet HTML 29Page - Winchester Electronics Corporation SLE Datasheet HTML 30Page - Winchester Electronics Corporation SLE Datasheet HTML 31Page - Winchester Electronics Corporation SLE Datasheet HTML 32Page - Winchester Electronics Corporation SLE Datasheet HTML 33Page - Winchester Electronics Corporation SLE Datasheet HTML 34Page - Winchester Electronics Corporation SLE Datasheet HTML 35Page - Winchester Electronics Corporation SLE Datasheet HTML 36Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
Vibration Locks*
Vibration locks offer simplicity of design and
positive locking in excess of 50G shock impact
and 10G vibration acceleration. Mating halves
automatically lock when engaged. To unlock,
depress the levers. Drilled holes in the levers
are provided for safety wiring. Vibration
locks are available separately for assembly
on connectors now in service. Each code
number indicates two units: two levers with
two pivots, and two lock tabs.
*US Patent Number 2760174
Lever
& Pilot
Assembly
MRE-VL
MRE-VL2
Lock Tabs
(See Note)
MRE-V
MRE-V2
Used on
Connectors
MRA 9, 14, 20,
34, 41, 42, 66
MRA 50,75
Note: When panel mounting the lock-tab half of a MRA 34, MRA 42 or MRA 50 and MRA 66 connector, flat washers
(.033 minimum thickness) should be used on the mounting screws to shim the moulding away from the panel.
Each form matches the back opening contour of
its appropriate shell, and stays easily in place
during the potting operation. Of negligible
weight, it need not be removed from the
connector after potting. Because of floating
contacts, connector halves should always
be engaged during the potting operation to
preserve contact alignment.
Potting Form Fig.
Code No.
A
B
MRA 9 FM
3
.77
.43
MRA 14 FM
2
.93
.49
MRA 20 FM
2
1.12
.49
MRA 26 FM
2
1.18
.61
MRA 34 FM
1
1.38
.80
MRA 41 FM
2
2.18
.49
MRA 42 FM
1
1.69
.80
MRA 50 FM
1
1.97
.80
MRA 75 FM
1
1.98
1.16
Dimensions
Code No.
DIMENSIONS
AB
C
D
E F G
H
MRE 50B 1.06 .688 3.031 3.44 .13 .28 .72
MRE 75B 1.48 1.047 3.062 3.56 .14 .30 1.14
.128 Dia 3 Holes
(No. 4 Mounting
Screw)
.150 Dia 3 Holes
(No. 6 Mounting
Screw)
Wt.
Oz.
.4
.6
Lock Tabs (MRE-V shown)
Lever & Pivot Assemblies (MRE-VL shown)
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Figure 1
Figure 2
Figure 3
A
A
A
B
B
B
.50 .63
.50 .63
.50 .63
H
A
B
C
D
E
F
G
2.625
.11R Panel
Opening
MRA 50 and MRA 75 connectors
use the standard MRE 50 and MRE
75 mounting brackets
MRA Series
Hoods - Locking
Dimensions / Outline Mounting Brackets
Dimensions / Outline Pre-Shaped Nylon Potting Forms
RP /
32
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com