Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8621 Datasheet(PDF) 25 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 25 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 21Page - PMC-Sierra, Inc PM8621 Datasheet HTML 22Page - PMC-Sierra, Inc PM8621 Datasheet HTML 23Page - PMC-Sierra, Inc PM8621 Datasheet HTML 24Page - PMC-Sierra, Inc PM8621 Datasheet HTML 25Page - PMC-Sierra, Inc PM8621 Datasheet HTML 26Page - PMC-Sierra, Inc PM8621 Datasheet HTML 27Page - PMC-Sierra, Inc PM8621 Datasheet HTML 28Page - PMC-Sierra, Inc PM8621 Datasheet HTML 29Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
24
Document ID: PMC-2010850, Issue 1
8
Pin Description
8.1
Pin Description Table
Pad Name
Type
Pin No.
Function
LVDS Ports (128 Balls)
RP[1]
RN[1]
RP[2]
RN[2]
RP[3]
RN[3]
RP[4]
RN[4]
RP[5]
RN[5]
RP[6]
RN[6]
RP[7]
RN[7]
RP[8]
RN[8]
RP[9]
RN[9]
RP[10]
RN[10]
RP[11]
RN[11]
RP[12]
RN[12]
Analog
LVDS Input
J4
J3
K3
K2
L2
L1
M3
M2
R4
R3
U2
U1
U4
U3
V2
V1
AB4
AB3
AC3
AC2
AD4
AD3
AD2
AD1
Receive Serial Data. The differential receive serial data
links (RP[11:0]/RN[11:0]) carry the receive SBI336S or
SONET/SDH STS-12 frame data from upstream sources
in bit serial format. Each differential pair RP[X]/RN[X]
carries a constituent SBI336 or STS-12 stream. Data on
RP[X]/RN[X] is encoded in an 8B/10B format extended
from IEEE Std. 802.3. The 8B/10B character bit ‘a’ is
transmitted first and the bit ‘j’ is transmitted last. All
RP[X]/RN[X] differential pairs must be frequency locked
and phase aligned (within a certain tolerance) to each
other. RP[11:0]/RN[11:0] are nominally 777.6 Mbit/s data
streams.
Any unused or N/C, but available inputs should be tied
low using a 10 k resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com