Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8621 Datasheet(PDF) 64 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 64 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 60Page - PMC-Sierra, Inc PM8621 Datasheet HTML 61Page - PMC-Sierra, Inc PM8621 Datasheet HTML 62Page - PMC-Sierra, Inc PM8621 Datasheet HTML 63Page - PMC-Sierra, Inc PM8621 Datasheet HTML 64Page - PMC-Sierra, Inc PM8621 Datasheet HTML 65Page - PMC-Sierra, Inc PM8621 Datasheet HTML 66Page - PMC-Sierra, Inc PM8621 Datasheet HTML 67Page - PMC-Sierra, Inc PM8621 Datasheet HTML 68Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
63
Document ID: PMC-2010850, Issue 1
Register 005H: NSE-8G Master Interrupt Source
Bit
Type
Function
Default
Bit 31:8
R
Unused
X
Bit 7
R
R8C1EXTRAINT
0
Bit 6
R
R8C1MISSINT
0
Bit 5
R
Reserved
0
Bit 4
R
CSU1INT
0
Bit 3
R
R8TDINT
0
Bit 2
R
T8TEINT
0
Bit 1
R
ILCINT
0
Bit 0
R
DCBINT
0
R8C1EXTRAINT
If the R8C1EXTRAINT bit is a logic one, an interrupt of unexpected C1 character in one of
the R8TD_C1_INT blocks has occurred. The source of the R8C1EXTRAINT bit comes from
the Register 013h.
R8C1MISSINT
If the R8C1MISSINT bit is a logic one, an interrupt of missing C1 characters in one of the
R8TD_C1_INT blocks has occurred. The source of the R8C1MISSINT bit comes from the
Register 014h.
CSU1INT
If the CSU1INT bit is a logic one, an interrupt has been generated by CSU #1. The CSTR
Interrupt register must be read to clear this interrupt.
R8TDINT
If the R8TDINT bit is a logic one, an interrupt has been generated by one of the R8TD
blocks. The internal R8TD Interrupt register must be read to clear this interrupt. Which R8TD
caused the interrupt can be ascertained by reading the NSE-8G R8TD Interrupt Source
Register.
T8TEINT
If the T8TEINT bit is a logic one, an interrupt has been generated by one of the T8TE blocks.
The internal T8TE Interrupt register must be read to clear this interrupt. Which T8TE caused
the interrupt can be ascertained by reading the NSE-8G T8TE Interrupt Source Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com