| Electronic Components Datasheet Search |
|
PM8621 Datasheet(PDF) 44 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM8621 Datasheet(HTML) 44 Page - PMC-Sierra, Inc |
|
44 / 184 page ![]() NSE-8G™ Standard Product Data Sheet Preliminary Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 43 Document ID: PMC-2010850, Issue 1 9.3 Transmit 8B/10B Encoder (T8TE) The Transmit 8B/10B Encoder blocks, T8TE, construct an 8B/10B character stream from an incoming translated SBI336 or TelecomBus carrying an STS-12/STM-4 equivalent channelized stream. The T8TE block corrects the running disparity of an 8B/10B character stream and buffers data in a FIFO before transmission to the transmit serializer block. A total of 32 T8TE blocks are instantiated in the NSE-20G device. In SBI mode, these blocks encode the SBI336S stream as shown in Table 2. When configured for Synchronous mode for DS0 switching, the 8B/10B encoder transmits CAS signaling multiframe alignment across the SBI336S interface by generating a C1FP character every 48 frame times. When not configured for DS0 switching, the C1FP character is sent every four frames. 9.3.1 SBI336S 8B/10B Character Encoding Table 2 shows the mapping of SBI336S bus control bytes and signals into 8B/10B control characters. The linkrate octet in location V4, V1 and V2, the in-band programming channel, the V3 octet when it contains data are all carried as data. Justification requests for master timing are carried in the V5 character so there are three V5 characters used, nominal, negative timing adjustment request, positive timing adjustment request. Table 2 SBI336S Character Encoding Code Group Name Curr. RD- abcdei fghj Curr. RD+ abcdei fghj Encoded Signals Description Common to All Link Types K28.5 001111 1010 110000 0101 IC1FP=’b1 C1FP frame and multiframe alignment K23.7- 111010 1000 - Overhead Bytes (columns 1-60 or 1-72 except for C1 and in-band programming channel), V3 or H3 byte except during negative justification, byte after V3 or H3 byte during positive justification, unused bytes in fraction rate links Asynchronous T1/E1 Links K27.7- 110110 1000 - V5 byte, no justification request K28.7- 001111 1000 - V5 byte, negative justification request K29.7- 101110 1000 - V5 byte, positive justification request Synchronous T1/E1 Links K27.7- 110110 1000 - V5 byte Asynchronous DS3/E3 Links K27.7- 110110 1000 - V5 byte, no justification request K28.7- 001111 1000 - V5 byte, negative justification request* K29.7- 101110 1000 - V5 byte, positive justification request* Fractional Rate Links K28.7- 001111 1000 - V5 byte, send one extra byte request** |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |