Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8621 Datasheet(PDF) 55 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 55 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 51Page - PMC-Sierra, Inc PM8621 Datasheet HTML 52Page - PMC-Sierra, Inc PM8621 Datasheet HTML 53Page - PMC-Sierra, Inc PM8621 Datasheet HTML 54Page - PMC-Sierra, Inc PM8621 Datasheet HTML 55Page - PMC-Sierra, Inc PM8621 Datasheet HTML 56Page - PMC-Sierra, Inc PM8621 Datasheet HTML 57Page - PMC-Sierra, Inc PM8621 Datasheet HTML 58Page - PMC-Sierra, Inc PM8621 Datasheet HTML 59Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
54
Document ID: PMC-2010850, Issue 1
Table 6 NSE-8G Register Map
Address
Register
000
NSE-8G Master Reset
001
NSE-8G Individual Channel Reset
002
NSE-8G Master JTAG ID
003
SBS Page select – Page 0
004
SBS Page select – Page 1
005
NSE-8G Master Interrupt Source
006
NSE-8G Master ILC Interrupt Source
007
NSE-8G Master R8TD Interrupt Source
008
NSE-8G Master T8TE Interrupt Source
009
NSE-8G Master Clock Monitor
00A
NSE-8G DCB CMP select
00B
NSE-8G Master Interrupt Enable
00C
NSE-8G Subsystem Interrupt Enable
00D
NSE-8G R8TD TIP
00E
SBS User Bits 0
00F
SBS User Bits 1
010
SBS User Bits 2
011
NSE-8G FREE User Register
012
R8TD_RX_C1 Pulse Monitor Register
013
Unexpected R8TD_RX_ C1 Interrupt Register
014
Missing R8TD_RX_ C1 Interrupt Register
015
Unexpected R8TD_RX_ C1 Interrupt Enable Register
016
Missing R8TD_RX_ C1 Interrupt Enable Register
017
R8TD C1 Disable
01C-01F
Reserved
020
CSTR #1 Control
021
CSTR #1 Interrupt Enable and CSU Lock Status
022
CSTR #1 Interrupt Indication
023
Reserved
024
Reserved
025
Reserved
026
Reserved
027-03F
Reserved
040
Reserved
041
Reserved
042
Reserved
043
Reserved
044
DCB CONFIGURATION PORT 11-6 REGISTER
045
DCB CONFIGURATION PORT 5-0 REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com