Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8621 Datasheet(PDF) 70 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 70 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 66Page - PMC-Sierra, Inc PM8621 Datasheet HTML 67Page - PMC-Sierra, Inc PM8621 Datasheet HTML 68Page - PMC-Sierra, Inc PM8621 Datasheet HTML 69Page - PMC-Sierra, Inc PM8621 Datasheet HTML 70Page - PMC-Sierra, Inc PM8621 Datasheet HTML 71Page - PMC-Sierra, Inc PM8621 Datasheet HTML 72Page - PMC-Sierra, Inc PM8621 Datasheet HTML 73Page - PMC-Sierra, Inc PM8621 Datasheet HTML 74Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
69
Document ID: PMC-2010850, Issue 1
Register 00AH: NSE-8G DCB CMP select
Bit
Type
Function
Default
Bit 31:2
R
Unused
X
Bit 1
R/W
CMP_SRC
0
Bit 0
R/W
CMP_VAL
0
The connection memory page select signal (CMP) controls the selection of the connection
memory page in the NSE. When CMP is set high, connection memory page 1 is selected.
When CMP is set low, connection memory page 0 is selected. Changes to the connection
memory page selection are synchronized to the boundary of the next C1FP multiframe.
This Register controls a software override to the CMP pin.
CMP_SRC
This bit dictates whether CMP is to be sourced from software when set to ‘1’ or from the
external CMP pin when set to 0.
CMP_VAL
CMP_VAL is used to provide the CMP signal when CMP_SRC is set to ‘1’ other wise this bit
is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com