Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8621 Datasheet(PDF) 37 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 37 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 33Page - PMC-Sierra, Inc PM8621 Datasheet HTML 34Page - PMC-Sierra, Inc PM8621 Datasheet HTML 35Page - PMC-Sierra, Inc PM8621 Datasheet HTML 36Page - PMC-Sierra, Inc PM8621 Datasheet HTML 37Page - PMC-Sierra, Inc PM8621 Datasheet HTML 38Page - PMC-Sierra, Inc PM8621 Datasheet HTML 39Page - PMC-Sierra, Inc PM8621 Datasheet HTML 40Page - PMC-Sierra, Inc PM8621 Datasheet HTML 41Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
36
Document ID: PMC-2010850, Issue 1
Pad Name
Type
Pin No.
Function
Analog I/O Power (34 Balls)
AVDH[33:0]
Power
H4
M4
T4
AC4
AG4
AL2
AL3
AL4
AM2
AM3
AN2
C2
D2
D3
E1
E2
E4
B33
C32
C33
D31
D32
D33
AG31
AC31
W31
M31
H31
AK31
AK33
AK34
AL32
AL33
AM33
The analog I/O power pins (AVDH[33:0]) should be
connected to a well-decoupled +3.3 V DC supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com