Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8621 Datasheet(PDF) 27 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 27 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 23Page - PMC-Sierra, Inc PM8621 Datasheet HTML 24Page - PMC-Sierra, Inc PM8621 Datasheet HTML 25Page - PMC-Sierra, Inc PM8621 Datasheet HTML 26Page - PMC-Sierra, Inc PM8621 Datasheet HTML 27Page - PMC-Sierra, Inc PM8621 Datasheet HTML 28Page - PMC-Sierra, Inc PM8621 Datasheet HTML 29Page - PMC-Sierra, Inc PM8621 Datasheet HTML 30Page - PMC-Sierra, Inc PM8621 Datasheet HTML 31Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
26
Document ID: PMC-2010850, Issue 1
Pad Name
Type
Pin No.
Function
RC1FP
Input
D16
Receive Serial Interface Frame Pulse. The receive
serial interface frame pulse signal (RC1FP) provides
system timing for the receive serial interface. RC1FP is
supplied in common to all devices in a system containing
one or more NSE-20G devices. In TelecomBus mode,
RC1FP is set high once every four frames, in SBI mode
without any DS0 switching, or when switching DS0s
(WITHOUT CAS) RC1FP is also set high once every four
frames, or multiple thereof. When in SBI mode switching
DS0s WITH CAS RC1FP indicates signaling multiframe
alignment by pulsing once every 48 frames or multiples
thereof.
A software configurable delay from RC1FP is used to
indicate that the C1 multiframe boundary 8B/10B
characters have been delivered on all the receive serial
data links (RP[32:1]/RN[32:1]) and are ready for
processing by the time-space-time switching elements.
RC1FP is sampled on the rising edge of SYSCLK.
Reserved
Output
C17
Reserved pin, must be left floating
CMP
Input
D10
Connection Memory Page. The connection memory
page select signal (CMP) controls the selection of the
connection memory page in the NSE. When CMP is set
high, connection memory page 1 is selected. When CMP
is set low, connection memory page 0 is selected.
Changes to the connection memory page selection are
synchronized to the boundary of the next C1FP frame or
multiframe depending on the mode:
4-Frame SBI/SBI336 mode:
CMP is sampled at the C1 byte position of the incoming
bus on the first frame of the four-frame multiframe.
Changes to the connection memory page selection are
synchronized to the frame boundary (A1 byte position) of
the next four-frame multiframe.
48-Frame SBI/SBI336 mode:
CMP is sampled at the C1 byte position of the incoming
bus on the first frame of the 48-frame multiframe.
Changes to the connection memory page selection are
synchronized to the frame boundary (A1 byte position) of
the next 48-frame multiframe.
TelecomBus mode:
CMP is sampled at the C1 byte position of every frame
on the incoming bus. Changes to the connection memory
pate selection are synchronized to the frame boundary
(A1 byte position) of the next frame.
CMP is sampled on the rising edge of SYSCLK at the
RC1FP frame position.
RSTB
Input
B18
Reset Enable Bar. The active low reset signal (RSTB)
provides an asynchronous reset for the NSE. RSTB is a
Schmitt triggered input with an integral pull-up resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com