Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8621 Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 65Page - PMC-Sierra, Inc PM8621 Datasheet HTML 66Page - PMC-Sierra, Inc PM8621 Datasheet HTML 67Page - PMC-Sierra, Inc PM8621 Datasheet HTML 68Page - PMC-Sierra, Inc PM8621 Datasheet HTML 69Page - PMC-Sierra, Inc PM8621 Datasheet HTML 70Page - PMC-Sierra, Inc PM8621 Datasheet HTML 71Page - PMC-Sierra, Inc PM8621 Datasheet HTML 72Page - PMC-Sierra, Inc PM8621 Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
68
Document ID: PMC-2010850, Issue 1
Register 009H: NSE-8G Master Clock Monitor
Bit
Type
Function
Default
Bit 31:2
R
Unused
X
Bit 1
R
RC1FPA
X
Bit 0
R
SYSCLKA
X
When a monitored clock signal makes a low to high transition, the corresponding register bit is
set high. The bit will remain high until this register is read, at which point all the bits in this
register are cleared. A lack of transitions is indicated by the corresponding register bit reading
low. This register should be read at periodic intervals to detect clock failures.
SYSCLKA
The SYSCLK active bit (SYSCLKA) detects low to high transitions on the SYSCLK input.
SYSCLKA is set high on a rising edge of SYSCLK, and is set low when this register is read.
RC1FPA
The RC1FP active bit (RC1FPA) detects low to high transitions on the RC1FP input.
RC1FPA is set high on a rising edge of RC1FP, and is set low when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com