Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8621 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 45Page - PMC-Sierra, Inc PM8621 Datasheet HTML 46Page - PMC-Sierra, Inc PM8621 Datasheet HTML 47Page - PMC-Sierra, Inc PM8621 Datasheet HTML 48Page - PMC-Sierra, Inc PM8621 Datasheet HTML 49Page - PMC-Sierra, Inc PM8621 Datasheet HTML 50Page - PMC-Sierra, Inc PM8621 Datasheet HTML 51Page - PMC-Sierra, Inc PM8621 Datasheet HTML 52Page - PMC-Sierra, Inc PM8621 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
48
Document ID: PMC-2010850, Issue 1
The frame alignment state machine establishes frame alignment over the link and is based on the
frame and not the multiframe alignments. When the frame alignment state machine is in the out-
of-frame-alignment state, it maintains the current alignment, while searching for a C1FP
character. When it finds the C1FP character the state machine transitions to the in-frame-
alignment state. While in the in-frame-alignment state, the state machine monitors out-of-place
C1FP characters. Out-of-place C1FP characters are identified by maintaining a frame counter
based on the C1FP character. The counter is initialized by the C1FP character when in the out-of-
character-alignment state, and is unaffected in the in-character-alignment state. If three
consecutive C1FPs have been found that do not agree with the expected location as defined by the
frame counter, the state will change to out-of-frame-alignment state.
The frame alignment state machine is also sensitive to character alignment. When the character
alignment state machine is in the out-of-character-alignment state, the frame alignment state
machine is forced out-of-alignment, and is held in that state until the character alignment state
machine transitions to the in-character alignment state.
Figure 10 Frame Alignment State Machine
out-of-
frame-
alignment
in-frame-
alignment
3 consecutive out-of-place
C1FPs or
out-of-character alignment
Found C1FP and
not (out-of-character alignment)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com