Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8621 Datasheet(PDF) 36 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 36 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 32Page - PMC-Sierra, Inc PM8621 Datasheet HTML 33Page - PMC-Sierra, Inc PM8621 Datasheet HTML 34Page - PMC-Sierra, Inc PM8621 Datasheet HTML 35Page - PMC-Sierra, Inc PM8621 Datasheet HTML 36Page - PMC-Sierra, Inc PM8621 Datasheet HTML 37Page - PMC-Sierra, Inc PM8621 Datasheet HTML 38Page - PMC-Sierra, Inc PM8621 Datasheet HTML 39Page - PMC-Sierra, Inc PM8621 Datasheet HTML 40Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
35
Document ID: PMC-2010850, Issue 1
Pad Name
Type
Pin No.
Function
VSS [71:0]
Ground
K34
M34
P34
W34
AA34
AC34
AE34
AG34
AJ34
AL34
AM34
AN34
Analog Power (8 Balls)
AVDL[7:0]
Power
F31
N33
W33
AD32
AJ4
AB2
T2
L3
The analog power pins (AVDL[7:0]) should be connected
to a well-decoupled +1.8 V DC supply. These pins
supply the RXLVs.
Clock Synthesis 1.8 V Power (6 Balls)
CSU_AVDL[5:0]
Power
T31
T32
U32
W4
W3
V3
The clock synthesis pins (CSU_AVDL[5:0]) should be
connected to a well-decoupled +1.8 V DC supply. These
pins supply the CSUs.
Clock Synthesis Power (2 Balls)
CSU_AVDH[0:1]
Power
U31
V4
These two pins should be connected to a well-decoupled
+3.3 V DC supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com