Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AEN...Q1 Datasheet(PDF) 108 Page - Texas Instruments

Part # TDA4AEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 Datasheet(HTML) 108 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 104Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 105Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 106Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 107Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 108Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 109Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 110Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 111Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 236 page
background image
6.9.3.2 Error Signal Timing
Tables and figures provided in this section define timing conditions and switching characteristics for
MCU_ERRORn.
Table 6-16. Error Signal Timing Conditions
PARAMETER
MIN
MAX
UNIT
OUTPUT CONDITIONS
CL
Output load capacitance
30 pF
Table 6-17. MCU_ERRORn Switching Characteristics
see Figure 6-13
NO.
PARAMETER
MIN
MAX UNIT
ERR1 tc(MCU_ERRORn)
Cycle time minimum, MCU_ERRORn (PWM
mode enabled)
(P*H)+(P*L)(1) (3) (4)
ns
ERR2 tw(MCU_ERRORn)
Pulse width minimum, MCU_ERRORn active
(PWM mode disabled)(5)
P*R(1) (2)
ns
ERR3
td (ERROR_CONDITION-
MCU_ERRORnL)
Delay time, ERROR CONDITION to
MCU_ERRORn active(5)
50*P(1)
ns
(1)
P = ESM functional clock period in ns.
(2)
R = Error Pin Counter Pre-Load Register count value.
(3)
H = Error Pin PWM High Pre-Load Register count value.
(4)
L = Error Pin PWM Low Pre-Load Register count value.
(5)
When PWM mode is enabled, MCU_ERRORn stops toggling after ERR3 and will maintain its value (either high or low) until the error is
cleared. When PWM mode is disabled, MCU_ERRORn is active low.
MCU_ERRORn
(PWM Mode Enabled)
MCU_ERRORn
(PWM Mode Disabled)
ERR1
ERR2
ERR3
Internal Error Condition
(Active High)
Figure 6-13. MCU_ERRORn Timing Requirements and Switching Characteristics
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
108
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com