Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AEN...Q1 Datasheet(PDF) 110 Page - Texas Instruments

Part # TDA4AEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 Datasheet(HTML) 110 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 106Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 107Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 108Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 109Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 110Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 111Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 112Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 113Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 236 page
background image
Table 6-20. Clock Switching Characteristics
see Figure 6-15
NO.
PARAMETER
MIN
MAX UNIT
CLK4
tc(SYSCLKOUT0)
Cycle time minimum,SYSCLKOUT0
8
ns
CLK5
tw(SYSCLKOUT0H)
Pulse Duration, SYSCLKOUT0 high
A*0.4(1)
A*0.6(1)
ns
CLK6
tw(SYSCLKOUT0L)
Pulse Duration, SYSCLKOUT0 low
A*0.4(1)
A*0.6(1)
ns
CLK4
tc(OBSCLK0)
Cycle time minimum, OBSCLK0
5
ns
CLK5
tw(OBSCLK0H)
Pulse Duration, OBSCLK0 high
B*0.45(2)
B*0.55(2)
ns
CLK6
tw(OBSCLK0L)
Pulse Duration, OBSCLK0 low
B*0.45(2)
B*0.55(2)
ns
CLK4
tc(OBSCLK1)
Cycle time minimum, OBSCLK1
5
ns
CLK5
tw(OBSCLK1H)
Pulse Duration, OBSCLK1 high
F*0.45(3)
F*0.55(3)
ns
CLK6
tw(OBSCLK1L)
Pulse Duration, OBSCLK1 low
F*0.45(3)
F*0.55(3)
ns
CLK4
tc(CLKOUT0)
Cycle time minimum, CLKOUT0
20
ns
CLK5
tw(CLKOUT0H)
Pulse Duration, CLKOUT0 high
C*0.4(4)
C*0.6(4)
ns
CLK6
tw(CLKOUT0L)
Pulse Duration, CLKOUT0 low
C*0.4(4)
C*0.6(4)
ns
CLK4
tc(MCU_SYSCLKOUT0)
Cycle time minimum, MCU_SYSCLKOUT0
10
ns
CLK5
tw(MCU_SYSCLKOUT0H)
Pulse Duration, MCU_SYSCLKOUT0 high
E*0.4(5)
E*0.6(5)
ns
CLK6
tw(MCU_SYSCLKOUT0L)
Pulse Duration, MCU_SYSCLKOUT0 low
E*0.4(5)
E*0.6(5)
ns
CLK4
tc(MCU_OBSCLK0)
Cycle time minimum, MCU_OBSCLK0
5
ns
CLK5
tw(MCU_OBSCLK0H)
Pulse Duration, MCU_OBSCLK0 high
D*0.45(6)
D*0.55(6)
ns
CLK6
tw(MCU_OBSCLK0L)
Pulse Duration, MCU_OBSCLK0 low
D*0.45(6)
D*0.55(6)
ns
CLK4
tc(WKUP_CLKOUT0)
Cycle time minimum, WKUP_CLKOUT0
5
ns
CLK5
tw(WKUP_CLKOUT0H)
Pulse Duration, WKUP_CLKOUT0 high
W*0.4(7)
W*0.6(7)
ns
CLK6
tw(WKUP_CLKOUT0L)
Pulse Duration, WKUP_CLKOUT0 low
W*0.4(7)
W*0.6(7)
ns
CLK4
tc(AUDIO_EXT_REFCLK0 )
Cycle time minimum, AUDIO_EXT_REFCLK0
(McASP Clock Source)
20
ns
Cycle time minimum, AUDIO_EXT_REFCLK0
(PLL Clock Source)
10
ns
CLK5
tw(AUDIO_EXT_REFCLK0 H)
Pulse Duration, AUDIO_EXT_REFCLK0 high
G*0.4(8)
G*0.6(8)
ns
CLK6
tw(AUDIO_EXT_REFCLK0 L)
Pulse Duration, AUDIO_EXT_REFCLK0 low
G*0.4(8)
G*0.6(8)
ns
CLK4
tc(AUDIO_EXT_REFCLK1 )
Cycle time minimum, AUDIO_EXT_REFCLK1
(McASP Clock Source)
20
ns
Cycle time minimum, AUDIO_EXT_REFCLK1
(PLL Clock Source)
10
ns
CLK5
tw(AUDIO_EXT_REFCLK1 H)
Pulse Duration, AUDIO_EXT_REFCLK1 high
J*0.4(9)
J*0.6(9)
ns
CLK6
tw(AUDIO_EXT_REFCLK1 L)
Pulse Duration, AUDIO_EXT_REFCLK1 low
J*0.4(9)
J*0.6(9)
ns
(1)
A = SYSCLKOUT0 cycle time in ns.
(2)
B = OBSCLK0 cycle time in ns.
(3)
F = OBSCLK1 cycle time in ns.
(4)
C = CLKOUT0 cycle time in ns.
(5)
E = MCU_SYSCLKOUT0 cycle time in ns.
(6)
D = MCU_OBSCLK0 cycle time in ns.
(7)
W = WKUP_CLKOUT0 cycle time in ns.
(8)
G = AUDIO_EXT_REFCLK0 cycle time in ns.
(9)
J = AUDIO_EXT_REFCLK1 cycle time in ns.
Output Clock
CLK4
CLK5
CLK6
Figure 6-15. Clock Switching Characteristics
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
110
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com