Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AEN...Q1 Datasheet(PDF) 226 Page - Texas Instruments

Part # TDA4AEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 Datasheet(HTML) 226 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 222Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 223Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 224Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 225Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 226Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 227Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 228Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 229Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 230Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 236 page
background image
9.1.2 Device Naming Convention
Table 9-1. Nomenclature Description
FIELD
PARAMETER
FIELD
DESCRIPTION
VALUES
DESCRIPTION
MARKING
ORDERABLE
x
Device evolution stage(1)
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK
(null)
Production
BBBBBBBB
Base production part
number
J722S(2)
For more P/N details, see Device Comparison
"8=Superset device
TDA4VEN8
TDA4AEN8
Z
Device Speed Grade
J
See Device Speed Grades table
K
Y
Device type
5
High Security capable, Safety capable
r
Device revision
A
SR 1.0
c
Carrier designator
(not symbolized on
package)
N/A
BLANK
Tray
N/A
R
Tape and Reel
Q1
Automotive Designator
BLANK
Not automotive qualified.
Supports TJ = –40°C to 105°C
Q1
Meet AEC-Q100 qualification requirements, with
exceptions as specified in this document (data sheet).
Supports TJ = –40°C to 125°C
2D Barcode
Varies
Optional 2D barcode, provides additional device
information
Blank
XXXXXXX
Lot Trace Code (LTC)
YYY
Production Code, for TI use only
PPP
Package designator
AMW
AMW FCBGA (18mm × 18mm)
O
Pin one designator
(1)
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers. These prefixes represent
evolutionary stages of product development from engineering prototypes through fully qualified production devices.
Prototype devices are shipped against the following disclaimer:
“This product is still in development and is intended for internal evaluation purposes.”
Notwithstanding any provision to the contrary, TI makes no warranty expressed, implied, or statutory, including any implied warranty of
merchantability of fitness for a specific purpose, of this device.
(2)
J722S is the base part number for the preproduction superset device. Software should constrain the features used to match the
intended production device.
Note
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
226
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com