Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AEN...Q1 Datasheet(PDF) 228 Page - Texas Instruments

Part # TDA4AEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 Datasheet(HTML) 228 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 224Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 225Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 226Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 227Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 228Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 229Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 230Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 231Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 236 page
background image
Linux® is a registered trademark of Linus Torvalds.
All trademarks are the property of their respective owners.
9.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
Changes from March 22, 2024 to September 30, 2024 (from Revision * (March 2024) to
Revision A (September 2024))
Page
• Global: Changed the document product status from "Advance Information" to "Production Data"................... 1
• (Features): Added "Motion JPEG encode" feature.............................................................................................1
• (Features/Media and Data Storage): Updated/Changed the "… eMMC interface up to HS200 speed" to "… up
to HS400 speed".................................................................................................................................................1
• (Features): Updated/Changed the CSI2.0 bullet and added sub-bullets............................................................1
• (Applications): Add End Equipment (EE) ulinks to the Applications list..............................................................3
• (Functional Block Diagram): Updated the ulink to the TI Software Development Kits (SDKs)........................... 4
• (Functional Block Diagram): Added a "JPEG Encode" block to the Multimedia main block...............................4
• (Device Comparison): Updated the ulink to the TI Software Development Kits (SDKs) in the "To understand
what device features are currently supported by TI Software Development Kits. …" Note................................6
• (Device Comparison): Add the "Motion JPEG Encoder" row to the table...........................................................6
• (SDIO Electrical Characteristics): Changed VDDSHV5 power rail name, where applicable, used to define the
VIL/VILSS/VIH/VIHSS/VOL/VOH parameter values by referencing a generic power rail name (VDD), and added an
associated table note........................................................................................................................................89
• (Recommended Operating Conditions for OTP eFuse Programming): Changed the "VPP Slew Rate"
parameter name to "VPP Power-up Slew Rate" to clarify the limit associated with this parameter only applies
during power-up................................................................................................................................................92
• (Power-Up Sequencing): Added note to clarify power rails must decay below 300mv before initiating a new
power-up sequence.......................................................................................................................................... 97
• (Power-Down Sequencing): Added note to clarify power rails must decay below 300mv before initiating a new
power-up sequence........................................................................................................................................ 100
• (BOOTMODE Timing Requirements): Updated the description for parameters RST23 and RST24............. 103
• (MCU_OSC0 LVCMOS Digital Clock Source): Added the new MCU_OSC0 LVCMOS Digital Clock Source
Requirements table.........................................................................................................................................115
• (CPSW3G RGMII Timing Conditions): Added operating voltage conditions to the Input Slew Rate parameter
to allow a relaxed slew rate when operating at 1.8V...................................................................................... 127
• (I2C): Changed the maximum slew rate value from 0.8V/ns to 0.08V/ns and added "when operating at 3.3V"
to clarify the exception is not applicable to 1.8V operation.............................................................................163
• (MMC0 Timing Requirements – HS400 Mode): Changed the maximum values associated with parameters
HS4001, HS4002, HS4003, and HS4004 from 500 to 475............................................................................ 182
• (MMC0 Switching Characteristics – HS400 Mode): Replaced the Delay time parameters HS4008 and
HS4009 with Output setup and Output hold parameters HS4008, HS4009, HS40010, and HS40011.......... 182
• (eMMC in – HS400 Mode – Transmitter Mode): Updated the timing diagram to match the new definitions
associated with parameters HS4008, HS4009, HS40010, and HS40011...................................................... 182
• (Device Nomenclature): Updated/Changed the package type (designator) form "AMH" to "AMW" in the
orderable part numbers paragraph.................................................................................................................224
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
228
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com