Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AEN...Q1 Datasheet(PDF) 233 Page - Texas Instruments

Part # TDA4AEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 Datasheet(HTML) 233 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 228Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 229Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 230Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 231Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 232Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 233Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 234Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 235Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 236Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 233 / 236 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.473
2.245
0.357
0.257
TYP
16.9
TYP
16.9 TYP
0.65 TYP
0.65 TYP
594X
0.45
0.35
NOTE 3
PIN 1 ID
2.154
1.950
B
18.1
17.9
A
18.1
17.9
(0.55) TYP
(0.55) TYP
(
13.6)
(
11.6)
(
17.6)
FCBGA - 2.473 mm max height
AMW0594A
BALL GRID ARRAY
4229875/A 07/2023
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Ball diameter after reflow. Dimension is measured at the maximum solder ball diameter parallel to primary datum C.
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
BALL A1 CORNER
0.1 C
SEATING PLANE
0.15 C
0.2 C
1
2 3
0.25
C A B
0.1
C
PKG
PKG
4 5 6 7 8 9 10
11
12
13
14
15
16
17
18
19
20
21
22
AA
AB
23
24
25
26
27
AC
AD
AE
AF
AG
SCALE 0.900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com