| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 402 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 402 Page - Freescale Semiconductor, Inc |
|
402 / 1386 page ![]() PCI Bridge MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 9-94 Freescale Semiconductor 9.13.1.6.5 DMA Destination Address Registers 0–3 (DMADAR x) The destination address register, shown in Figure 9-86, indicates the address where the DMA controller will be writing data to. This address can be in either PCI memory or 60x memory. The software has to ensure that this is a valid memory address. The choice between PCI or 60x is done according to the following rule: If the address hits one of the PCI outbound windows, then the destination data is written to the PCI memory. Otherwise, it is written to the 60x memory. Refer to Figure 9-13. Figure 9-86. DMA Destination Address Registers 0–3 (DMADAR x) Table 9-70 describes DMADARx fields. 9.13.1.6.6 DMA Byte Count Registers 0–3 (DMABCR x) This register contains the number of bytes per transfer (maximum transfer size is 64 Mbytes). 31 16 Field DA Reset 0000_0000_0000_0000 R/W R/W Addr 0x1051A (DMAADAR0); 0x1059A (DMAADAR1); 0x1061A (DMAADAR2); 0x1069A (DMAADAR3) 15 0 Field DA Reset 0000_0000_0000_0000 R/W R/W Addr 0x10518 (DMAADAR0); 0x10598 (DMAADAR1); 0x10618 (DMAADAR2); 0x10698 (DMAADAR3) Table 9-70. DMADAR x Field Descriptions Bit Name Description 31–0 DA Destination address. The content is updated after every DMA write operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |