| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 400 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 400 Page - Freescale Semiconductor, Inc |
|
400 / 1386 page ![]() PCI Bridge MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 9-92 Freescale Semiconductor Table 9-67 describes DMASRx fields. 9.13.1.6.3 DMA Current Descriptor Address Registers 0–3 (DMACDAR x) The current descriptor address register contains the address of the current segment descriptor being transferred. In chaining mode, software must initialize this register to point to the first descriptor in the chain. After processing the first descriptor, the DMA controller moves the contents of the next descriptor address register into DMACDAR, loads the next descriptor into DMANDAR, and executes the current transfer. This process continues until encountering a descriptor whose EOTD (end-of-transfer descriptor) bit is set, which will be the last descriptor to be executed. Figure 9-84. DMA Current Descriptor Address Registers 0–3 (DMACDAR x) Table 9-67. DMASR x Field Descriptions Bits Name Access Description 31–8 — RW Reserved, should be cleared. 7 TE Read/ Write 1 to clear Transfer error. This bit is set when there is an error condition during the DMA transfer and the TEM bit is cleared. 6–3 — R Reserved, should be cleared. 2 CB Read Only Channel busy. When set indicates that a DMA transfer is currently in progress. This bit will be cleared as a result of any of the three following conditions: (1) an error, (2) a halt, or (3) completion of the DMA transfer. 1 EOSI Read/ Write 1 to clear End-of-segment interrupt. After transferring a segment of data, if the EOSIE bit in the current descriptor address register is set, then this bit will be set and an interrupt is generated. Otherwise, no interrupt is generated. 0 EOCDI Read/ Write 1 to clear End-of-chain/direct Interrupt. When the last DMA transfer is finished, either in chaining or direct mode, if DMAMR[EOTIE] is set, this bit will be set and an interrupt is generated. Otherwise, no interrupt is generated. 31 16 Field CDA Reset 0000_0000_0000_0000 R/W R/W Addr 0x1050A(DMACDR0); 0x1058A (DMACDR1); 0x1060A (DMACDR2); 0x1068A (DMACDR3) 15 54 3 2 0 Field CDA SNEN EOSIE — Reset 0000_0000_0000_0000 R/W R/W Addr 0x10508 (DMACDR0); 0x10588 (DMACDR1); 0x10608 (DMACDR2); 0x10688 (DMACDR3) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |