| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 888 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 888 Page - Freescale Semiconductor, Inc |
|
888 / 1386 page ![]() Serial Management Controllers (SMCs) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 28-34 Freescale Semiconductor Table 28-21 describes SMC C/I channel RxBD fields. 28.5.8 SMC GCI C/I Channel TxBD The CP uses this BD, as seen in Figure 28-18, to report about the C/I channel transmit byte. Table 28-22 describes SMC C/I channel TxBD fields. 28.5.9 SMC GCI Event Register (SMCE)/Mask Register (SMCM) The SMCE generates interrupts and report events recognized by the SMC channel. When an event is recognized, the SMC sets its corresponding SMCE bit. SMCE bits are cleared by writing ones; writing zeros has no effect. SMCM has the same bit format as SMCE. Setting an SMCM bit enables, and clearing an SMCM bit disables, the corresponding interrupt. Unmasked bits must be cleared before the CP clears the internal interrupt request to the SIU interrupt controller. Figure 28-19 displays the SMCE/SMCM registers. Table 28-21. SMC C/I Channel RxBD Field Descriptions Bits Name Description 0 E Empty. 0 Cleared by the CP to indicate that the byte associated with this BD is available to the core. 1 The core sets E to indicate that the byte associated with this BD has been read. Note that additional data received is discarded until E bit is set. 1–7 — Reserved, should be cleared. 8–13 C/I DATA Command/indication data bits. For C/I channel 0, bits 10–13 contain the 4-bit data field and bits 8–9 are always written with zeros. For C/I channel 1, bits 8–13 contain the 6-bit data field. 14–15 — Reserved, should be cleared. 0123 456 789 10 11 12 13 14 15 Offset + 0 R — C/I DATA — Figure 28-18. SMC C/I Channel TxBD Table 28-22. SMC C/I Channel TxBD Field Descriptions Bits Name Description 0 R Ready. 0 Cleared by the CP after transmission to indicate that the BD is available to the core. 1 Set by the core when data associated with this BD is ready for transmission. 1–7 — Reserved, should be cleared. 8–13 C/I DATA Command/indication data bits. For C/I channel 0, bits 10–13 hold the 4-bit data field (bits 8 and 9 are always written with zeros). For C/I channel 1, bits 8–13 contain the 6-bit data field. 14–15 — Reserved, should be cleared. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |