| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 926 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 926 Page - Freescale Semiconductor, Inc |
|
926 / 1386 page ![]() Multi-Channel Controllers (MCCs) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 29-36 Freescale Semiconductor 29.8.1 MCC Event Register (MCCE)/Mask Register (MCCM) The MCC event register (MCCE) is used to report events and generate interrupt requests. For each of its flags, a programmable mask/enable bit in MCCM determines whether an interrupt request is generated. The MCC mask register (MCCM) is used to enable/disable interrupt requests. For each flag in the MCCE there is a programmable mask/enable bit in MCCM which determines whether an interrupt request is generated. Setting an MCCM bit enables and clearing an MCCM bit disables the corresponding interrupt. MCCE bits are cleared by writing ones to them; writing zeros has no effect. Figure 29-19 shows MCCE and MCCM bits. Table 29-18 describes MCCE fields. 0 1 2 3 4 5 6 7 8 11 12 131415 Field QOV0 RINT0 QOV1 RINT1 QOV2 RINT2 QOV3 RINT3 — TQOV TINT GUN GOV Reset 0000_0000_0000_0000 R/W R/W Addr 0x11B30 (MCCE1), 0x11B50 (MCCE2)/0x11B34 (MCCM1), 0x11B54 (MCCM2) Figure 29-19. MCC Event Register (MCCE)/Mask Register (MCCM) Table 29-18. MCCE/MCCM Register Field Descriptions Bits Name Description 0 QOV0 QOVx—Receive interrupt queue overflow. IQOV is set (and an interrupt request generated) by the CP whenever an overflow occurs in the transmit circular interrupt table. This occurs if the CP tries to update an interrupt entry that was not handled by the user (such an entry is identified by V = 1). RINTx—Receive interrupt. When RINT = 1, the MCC generated at least one new entry in the receive interrupt circular table. After clearing it, the user reads the next entry from the receive interrupt circular table and starts processing a specific channel’s exception. The user returns from the interrupt handler when it reaches a table entry with V = 0. 1RINT0 2QOV1 3RINT1 4QOV2 5RINT2 6QOV3 7RINT3 8–11 — Reserved, should be cleared. 12 TQOV Transmit interrupt queue overflow. TQOV is set (and interrupt request generated) by the CP whenever an overflow occurs in the transmit circular interrupt table. This condition occurs if the CP attempts to write a new interrupt entry into an entry that was not handled by the user. Such an entry is identified by V = 1. 13 TINT Transmit interrupt. When TINT = 1, at least one new entry in the transmit interrupt circular table was generated by MCC. After clearing it, the user reads the next entry from the transmit interrupt circular table and starts processing a specific channel’s exception. The user returns from the interrupt handler when it reaches a table entry with V = 0. 14 GUN Global transmit underrun. This flag indicates whether an underrun occurred inside the MCC’s transmit FIFO array (see Section 29.8.1.2, “Global Transmitter Underrun (GUN)”). The user must clear this bit. 15 GOV Global receiver overrun. This flag indicates whether an overrun occurred inside the MCC’s receive FIFO array (see Section 29.8.1.4, “Global Overrun (GOV)”). The user must clear this bit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |