| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1026 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1026 Page - Freescale Semiconductor, Inc |
|
1026 / 1386 page ![]() ATM Controller and AAL0, AAL1, and AAL5 MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 31-66 Freescale Semiconductor Figure 31-42. Receive Static Buffer Allocation Example 31.10.5.2.2 Global Buffer Allocation The user prepares a table of BDs without assigning buffers to them (no buffer pointers). The address of the first BD is put into the channel’s RCT[RBD_BASE]. The user also prepares sets of free buffers (of size RCT[MRBLR]) in up to four free buffer pools (chosen in RCT[BPOOL]); see Section 31.10.5.2.3, “Free Buffer Pools.” When an ATM cell arrives, the CP opens the first BD in the table, fetches a buffer pointer from the free buffer pool associated with this channel, and writes the pointer to RxBD[RXDBPTR], the receive data buffer pointer field in the BD. When the current buffer is full, the CP increments RBD_Offset, which is the offset from the RBD_BASE to the current BD, and reads the next BD in the table. If the BD is empty (RxBD[E] = 1), the CP fetches another buffer pointer from the free buffer pool and reception continues. If the BD is not empty, a busy condition occurs and a busy interrupt is sent to the event queue specifying the ATM channel code. As software then processes each full buffer (RxBD[E] = 0), it sets RxBD[E] and copies the buffer pointer back to the free buffer pool. Figure 31-43 shows two ATM channels’ BD tables and one free buffer pool. Both channels are associated with free buffer pool 1. The CP allocates the first two buffers of buffer pool 1 to channel 1 and the third to channel 4. Rx Buffer 1 of Channel 1 Rx Buffer 2 of Channel 1 Rx Buffer 3 of Channel 1 Rx Buffer 4 of Channel 1 Rx Buffer 5 of Channel 1 Ch1 RxBD Table 0BD 1 1BD 2 1BD 3 0BD 4 0BD 5 RBD_BASE RBD_Offset Note: The shaded buffers are empty; unshaded buffers are waiting to be processed. Ch1 RxBD Table Pointers in the RCT Rx Buffer 1 of Channel 4 Rx Buffer 2 of Channel 4 Rx Buffer 3 of Channel 4 Rx Buffer 4 of Channel 4 Rx Buffer 5 of Channel 4 Ch4 RxBD Table 1BD 1 0BD 2 0BD 3 0BD 4 0BD 5 RBD_BASE RBD_Offset Ch4 RxBD Table Pointers in the RCT 1BD 6 BD 7 Rx Buffer 6 of Channel 4 Rx Buffer 7 of Channel 4 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |