Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 1028 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1028 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1024Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1025Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1026Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1027Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1028Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1029Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1030Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1031Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1032Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1028 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-68
Freescale Semiconductor
Table 31-32 describes free buffer pool entry fields.
31.10.5.2.4
Free Buffer Pool Parameter Tables
The free buffer pool parameters are held in parameter tables in the dual-port RAM; see Table 31-33.
FBT_BASE in the parameter RAM points to the base address of these tables. Each of the four free buffer
pools has its own parameter table with a starting address given by FBT_BASE+ RCT[BPOOL]
× 16.
01
234
15
Offset + 0x00
V
—
W
I
Buffer Pointer (BP)
Offset + 0x02
Buffer Pointer (BP)
Figure 31-45. Free Buffer Pool Entry
Table 31-32. Free Buffer Pool Entry Field Descriptions
Offset
Bits
Name
Description
0x00
0
V
Valid buffer entry.
0 This free buffer pool entry contains an invalid buffer pointer.
1 This free buffer pool entry contains a valid buffer pointer.
1
—
Reserved, should be cleared.
2
W
Wrap bit. When set, this bit indicates the last entry in the circular table. During initialization,
the host must clear all W bits in the table except the last one, which must be set.
3
I
Red-line interrupt. Can be used to indicate that the free buffer pool has reached a red line
and additional buffers should be added to this pool to avoid a busy condition.
0 No interrupt is generated.
1 A red-line interrupt is generated when this buffer is fetched from the free buffer pool.
4–15
BP
Buffer pointer. Points to the start address of the receive buffer. The four msbs are control
bits, and the four msbs of the real buffer pointer are taken from the four msbs of the
parameter FBP_ENTRY_EXT in the free buffer pool parameter table.
0x02
0–15
Table 31-33. Free Buffer Pool Parameter Table
Offset 1
Bits
Name
Description
0x00
—
FBP_BASE
Free buffer pool base. Holds the pointer to the first entry in the free buffer pool.
FBP_BASE should be word aligned. User-defined.
0x04
—
FBP_PTR
Free buffer pool pointer. Pointer to the current entry in the free buffer pool.
Initialize to FBP_BASE.
0x08
—
FBP_ENTRY_EXT Free buffer pool entry extension. FBP_ENTRY_EXT[0–3] holds the four left bits
of FBP_ENTRY. FBP_ENTRY_EXT[4–15] should be cleared. User-defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com