Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 1032 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1032 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1028Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1029Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1030Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1031Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1032Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1033Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1034Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1035Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1036Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1032 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-72
Freescale Semiconductor
31.10.5.6 AAL0 RxBD
Figure 31-48 shows the AAL0 RxBD.
Table 31-37 describes AAL0 RxBD fields.
6
CM
Continuous mode
0 Normal operation.
1 The empty bit (RxBD[E]) is not cleared by the CP after this BD is closed, allowing the
associated buffer to be overwritten automatically when the CP next accesses this BD.
7–15
—
Reserved, should be cleared.
0x02
—
DL
Data length. The number of octets the CP writes into the buffer once its BD is closed.
0x04
—
RXDBPTR Rx data buffer pointer. Points to the first location of the associated buffer; may reside in
either internal or external memory. It is recommended that the pointer be burst-aligned.
01
234567
9
10
11
12
15
Offset + 0x00
E
—
WI
—
CM
—
CRE OAM
—
Offset + 0x02
Data Length (DL)/Channel Code (CC)
Offset + 0x04
Rx Data Buffer Pointer (RXDBPTR)
Offset + 0x06
Figure 31-48. AAL0 RxBD
Table 31-37. AAL0 RxBD Field Descriptions
Offset
Bits
Name
Description
0x00
0
E
Empty
0 The buffer associated with this RxBD is filled with received data, or data reception was
aborted due to an error. The core can examine or write to any fields of this RxBD. The
CP does not use this BD again while E remains zero.
1 The Rx buffer is empty or reception is in progress. This RxBD and its associated
receive buffer are owned by the CP. Once E is set, the core should not write any fields
of this RxBD.
1
—
Reserved, should be cleared.
2
W
Wrap (final BD in table)
0 This is not the last BD in the RxBD table of the current channel.
1 This is the last BD in the RxBD table of the current channel. After this buffer has been
used, the CP will receive incoming data into the first BD in the table. The number of
RxBDs in this table is programmable and is determined only by the W bit. The current
table cannot exceed 64 Kbytes.
3
I
Interrupt
0 No interrupt is generated after this buffer has been used.
1 An Rx buffer event is sent to the interrupt queue after the ATM controller uses this
buffer. FCCE[GINT
x] is set when the INT_CNT reaches the global interrupt threshold.
4–5
—
Reserved, should be cleared.
Table 31-36. AAL1 RxBD Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com