Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 1033 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1033 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1029Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1030Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1031Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1032Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1033Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1034Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1035Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1036Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1037Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1033 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-73
31.10.5.7 AAL1 CES RxBD
Refer to Section 32.12.1, “AAL1 CES RxBD.”
31.10.5.8 AAL2 RxBD
Refer to Section 33.4.4.4, “CPS Receive Buffer Descriptor (RxBD).”
31.10.5.9 AAL5, AAL1 CES User-Defined Cell—RxBD Extension
In user-defined cell mode, the AAL5 and AAL1 CES RxBDs are extended to 32 bytes; see Figure 31-49.
NOTE
For AAL0, a complete cell, including the UDC header, is stored in the
buffer; the AAL0 BD size is always 8 bytes.
6
CM
Continuous mode
0 Normal operation.
1 The CP does not clear the E bit after this BD is closed, allowing the associated buffer
to be overwritten automatically when the CP next accesses this BD.
7–9
—
Reserved, should be cleared.
10
CRE
Rx CRC error. Indicates a CRC10 error in the current AAL0 buffer. The CRE bit is
considered an error only if the received cell had a CRC10 field in the cell payload.
11
OAM
Operation and maintenance cell. If OAM is set, the current AAL0 buffer contains an OAM
cell. This cell is associated with the channel indicated by the channel code field (CC
field).
12–15
—
Reserved, should be cleared.
0x02
—
DL/CC
Data length/channel code. If RxBD[OAM] is set, this field functions as CC; otherwise, it
is DL. Data length is the size in octets of this buffer (MRBLR value). Channel code
specifies the channel code associated with this OAM cell.
0x04
—
RXDBPTR Rx data buffer pointer. Points to the first location of the associated buffer; may reside in
either internal or external memory. This pointer must be burst-aligned.
Offset + 0x08
Extra Cell Header.
Used to store the user-defined cell’s extra cell header. The extra cell header can be 1–12 bytes long.
Offset + 0x14
Reserved (12 bytes)
Figure 31-49. User-Defined Cell—RxBD Extension
Table 31-37. AAL0 RxBD Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com