Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 1037 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1037 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1033Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1034Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1035Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1036Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1037Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1038Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1039Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1040Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1041Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1037 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-77
31.10.5.13 AAL1 CES TxBDs
Refer to Section 32.12.2, “AAL1 CES TxBDs
31.10.5.14 AAL2 TxBDs
Refer to Section 33.3.5.5, “SSSAR Transmit Buffer Descriptor.”
31.10.5.15 AAL5, AAL1 User-Defined Cell—TxBD Extension
In user-defined cell mode, the AAL5 and AAL1 TxBDs are extended to 32 bytes; see Figure 31-53.
NOTE
For AAL0 a complete cell, including the UDC header, is stored in the buffer;
the AAL0 BD size is always 8 bytes.
31.10.6 AAL1 Sequence Number (SN) Protection Table
The 32-byte sequence number protection table, pointed to by AAL1_SNPT_BASE in the ATM parameter
RAM, resides in dual-port RAM and is used for AAL1 only. The table should be initialized according to
Figure 31-54.
4–5
—
Reserved, should be cleared.
6
CM
Continuous mode
0 Normal operation.
1 The CP does not clear the ready bit after this BD is closed, allowing the associated
buffer to be retransmitted automatically when the CP next accesses this BD.
7–10
—
Reserved, should be cleared.
11
OAM
Operation and maintenance cell. If OAM is set, the current AAL0 buffer contains an F5
or F4 OAM cell. Performance monitoring calculations are not done on OAM cells.
11–15
—
Reserved, should be cleared.
0x02
—
—
Reserved, should be cleared.
0x04
—
TXDBPTR Tx data buffer pointer. Points to the address of the associated buffer, which may or may
not be 8-byte-aligned. The buffer may reside in either internal or external memory. This
value is not modified by the CP.
Offset + 0x08
Extra Cell Header.
Used to store the user-defined cell’s extra cell header. The extra cell header can be 1–12 bytes long.
Offset + 0x14
Reserved (12 bytes)
Figure 31-53. User-Defined Cell—TxBD Extension
Table 31-40. AAL0 TxBD Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com