Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 1305 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1305 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1301Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1302Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1303Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1304Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1305Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1306Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1307Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1308Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1309Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1305 / 1386 page
background image
I
2C Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
40-3
because the R/W request follows the slave port address in the I2C bus specification, the R/W request bit
must be placed in the lsb (bit 7) unless operating in reverse data mode; see Section 40.4.1, “I2C Mode
Register (I2MOD).”
To write to a slave, the master sends a write request (R/W = 0) along with either the target slave’s address
or a general call (broadcast) address of all zeros, followed by the data to be written. To read from a slave,
the master sends a read request (R/W = 1) and the target slave’s address. When the target slave
acknowledges the read request, the transfer direction is reversed, and the master receives the slave’s
transmit buffer(s). If the receiver (master or slave) does not acknowledge each byte transfer in the ninth
bit frame, the transmitter signals a transmission error event (I2ER[TXE]). An I2C transfer timing diagram
is shown in Figure 40-3.
Figure 40-3. I2C Transfer Timing
Select master or slave mode for the controller using the I2C command register (I2COM[M/S]). Set the
master’s start bit, I2COM[STR], to begin a transfer; setting a slave’s I2COM[STR] activates the slave to
wait for a transfer request from a master.
If a master or slave transmitter’s current TxBD[L] is set, transmission stops once the buffer is sent; that is,
I2COM[STR] must be set again to reactivate transfers. If TxBD[L] is zero, once the current buffer is sent,
the controller begins processing the next TxBD without waiting for I2COM[STR] to be set again.
The following sections further detail the transfer process.
40.3.1
I2C Master Write (Slave Read)
If the MPC8280 is the master, prepare the transmit buffers and BDs before initiating a write. Initialize the
first transmit data byte with the slave address and write request (R/W = 0).
If the MPC8280 is the slave target of the write, prepare receive buffers and BDs to await the master’s
request. Figure 40-4 shows the timing for a master write.
Figure 40-4. I2C Master Write Timing
SCL
SDA
Data Byte
Start Condition
Stop Condition
A
C
K
78
9
45
6
12
3
SDA
Device Address
W
Data Byte
S
T
A
R
T
S
T
O
P
A
C
K
A
C
K
Note: Data and ACK are repeated n times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com