| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1359 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1359 Page - Freescale Semiconductor, Inc |
|
1359 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor Index-5 AAL1 sequence number protection table, 31-80 AALn RxBD, 31-6, 31-71 AALn TxBD, 31-5, 31-76 ABR flow control, 31-8, 31-19 address compression, 31-15 ATM layer statistics, 31-33 ATM memory structure, 31-36 ATM pace control (APC) unit ATM service types, 31-8 configuration, 31-102 data structure, 31-63 modes, 31-8 overview, 31-8 parameter tables, 31-64 priority table, 31-65 scheduling mechanism, 31-9 scheduling tables, 31-65 traffic type, 31-11 UBR+ traffic, 31-13 VBR traffic, 31-12 ATM TRANSMIT command, 31-92 ATM-to-ATM data forwarding, 31-36 ATM-to-TDM interworking, 31-33 buffer descriptors, 31-66 exceptions, 31-82 external rate mode, 31-6 FCCE, 31-91 FCCM, 31-91 features list, 31-1 FPSMR, 31-88 GFMR register, 31-88 global mode entry (GMODE), 31-40 internal rate mode, 31-6 interrupt queues, 31-82 maximum performance configuration, 31-101 OAM performance monitoring, 31-29, 31-62 OAM support, 31-27 operations and maintenance (OAM) support, 31-27 overview, 31-4 parameter RAM, 31-36 performance monitoring, 31-8 performance, maximum (configuration), 31-101 programming model, 31-88 receive connection table (RCT) ATM channel code, 31-41 overview, 31-41 raw cell queue, 31-18 RCT entry format, 31-43 registers, 31-88 RxBD, 31-71 RxBD extension, 31-76 SRTS generation using external logic, 31-100 transmit connection table (TCT) AALn protocol-specific TCTs, ??–31-57 ATM channel code, 31-41 overview, 31-41 TCT entry format, 31-50 transmit connection table extension (TCTE) ABR protocol-specific, 31-59 ATM channel code, 31-41 overview, 31-41 UBR+ protocol-specific, 31-58 VBR protocol-specific, 31-57 transmit rate modes, 31-6 TxBD, 31-76 TxBD extension, 31-80 UDC extended address mode, 31-32 UEAD_OFFSET determination, 31-39 UNI statistics table, 31-81 user-defined cells (UDC) extended address mode, 31-32 overview, 31-32 RxBD extension (AAL5/AAL1), 31-76 TxBD extension (AAL5/AAL1), 31-80 user-defined RxBD extension (AAL5/AAL1), 31-76 user-defined TxBD extension (AAL5/AAL1), 31-80 UTOPIA interface, 31-84 VCI filtering, 31-39 VCI/VPI address lookup, 31-13 VC-level address compression tables (VCLT), 31-17 VP-level address compression table (VPLT), 31-16 block diagram, 14-3 command set command descriptions, 14-17 command execution latency, 14-19 command register example, 14-18 CPCR, 14-13 opcodes, 14-16 overview, 14-13 communications processor (CP) block diagram, 14-7 execution from RAM, 14-9 features list, 14-4 microcode execution from RAM, 14-9 microcode revision number, 14-12 peripheral interface, 14-8 RCCR, 14-10 REV_NUM, 14-12 RTSCR, 14-11 RTSR, 14-12 CPM multiplexing logic (CMX) block diagram, 16-2 overview, 16-1 dual-port RAM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |