| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1376 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1376 Page - Freescale Semiconductor, Inc |
|
1376 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Index-22 Freescale Semiconductor overview, 20-15 RISC microcontroller, seeCommunications processor (CP) RISC timer tables CP loading tracking, 14-32 features list, 14-27 initializing RISC timer tables, 14-30 interrupt handling, 14-31 overview, 14-27 parameter RAM, 14-27 RAM usage, 14-28 RTMR, 14-29 scan algorithm, 14-31 SET TIMER command, 14-30 table entries, 14-29 timer counts, comparing, 14-32 TM_CMD, 14-29 tracking CP loading, 14-32 RMR (reset mode) register, 5-5 RSR (reset status) register, 5-4 RSTATE (internal receiver state) register, 29-10 RTMR (RISC timer mask register), 14-29 RTSCR (RISC time-stamp control register), 14-11 RTSR (RISC time-stamp register), 14-12 S SCC memory map, 3-19 SCCE (SCC event) register BISYNC mode, 23-15 HDLC mode, 22-12 transparent mode, 24-12 UART mode, 21-19 SCCE register Ethernet mode, 25-20 SCCM (SCC mask) register BISYNC mode, 23-15 HDLC mode, 22-12 transparent mode, 24-12 UART mode, 21-19 SCCM register Ethernet mode, 25-20 SCCS (SCC status) register BISYNC mode, 23-16 HDLC mode, 22-14 transparent mode, 24-13 UART mode, 21-21 SCIT programming, 15-33 SCPRR_H (CPM high interrupt priority register), 4-19 SCPRR_L (CPM low interrupt priority register), 4-20 SDMA channels bus arbitration, 19-2 bus transfers, 19-2 LDTEA, 19-4 LDTEM, 19-4 overview, 19-1 PDTEA, 19-4 PDTEM, 19-4 programming model, 19-3 registers, 19-3 SDMR, 19-4 SDSR, 19-3 SDMR (SDMA mask register), 19-4 SDRAM interface, see SDRAM machine SDSR (SDMA status register), 19-3 Serial communications controllers (SCCs) AppleTalk mode connecting to AppleTalk, 26-2 operating LocalTalk frame, 26-1 overview, 26-1 programming example, 22-22, 26-4 programming the controller, 26-3 BISYNC mode commands, 23-4 control character recognition, 23-5 error handling, 23-9 frame reception, 23-3 frame transmission, 23-2 overview, 23-1 parameter RAM, 23-3 programming example, 23-18 programming the controller, 23-17 receiving synchronization sequence, 23-9 RxBD, 23-12 sending synchronization sequence, 23-9 TxBD, 23-14 Ethernet mode address recognition, 25-11 collision handling, 25-12 commands, 25-9 connecting to Ethernet, 25-4 error handling, 25-13 frame reception, 25-6 hash table algorithm, 25-12 loopback, 25-13 overview, 25-1 programming example, 25-22 programming the controller, 25-9 receive buffer, 25-16 transmit buffer, 25-18 HDLC mode accessing the bus, 22-18 bus controller, 22-16 collision detection, 22-16, 22-19 commands, 22-5 delayed RTS mode, 22-20 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |