| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1373 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1373 Page - Freescale Semiconductor, Inc |
|
1373 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor Index-19 SCCS, 22-14 I 2C controller I2ADD, 40-6 I2BRG, 40-7 I2CER, 40-7 I2CMR, 40-7 I2COM, 40-8 I2MOD, 40-6 IDMA emulation DCM, 19-18 IDMR, 19-23 IDSR, 19-23 IEEE 1149.1 test access port boundary scan registers, 1-3 instruction register, 1-5 IMA FCC registers, 34-26 FPSMRx, 34-26 FTIRRx, 34-26 group tables IGRCNTL, 34-38 IGRSTATE, 34-39 IGTCNTL, 34-31 IGTSTATE, 34-32 IRGFS, 34-39 link tables ILRCNTL, 34-46 ILRSTATE, 34-47 ILTCNTL, 34-42 ILTSTATE, 34-43 ITINTSTAT, 34-43 memory controller 60x bus control registers, 11-12 BRn, 11-13 GPCM mode ORx, 11-17 L_TESCRx, 11-33 MPTPR, 11-32 MxMR, 11-26 SDRAM mode LSDMR, 11-24 LSRT, 11-32 ORx, 11-15 PSDMR, 11-20 PSRT, 11-31 TESCRx, 11-33 UPM mode LURT, 11-30 MDR, 11-28 ORx, 11-19 PURT, 11-30 register settings, 11-80 multi-channel controllers (MCCs) CHAMR, 29-8 CHAMR, transparent mode, 29-13, 29-15 MCCE, 29-37 MCCFx, 29-33 MCCM, 29-37 RSTATE, 29-10 TSTATE, 29-7 OCASSR, 32-36 PCI bridge BIST control, 9-53 bus arbiter configuration, 9-60 bus base class code register, 9-51 bus cache line size, 9-51 bus capabilities pointer, 9-56 bus function, 9-59 bus interrupt line, 9-57 bus interrupt pin, 9-57 bus latency timer, 9-52 bus MAX LAT, 9-58 bus MIN GNT, 9-58 bus programming interface register, 9-50 configuration registers, 9-45 device ID register, 9-47 discard timer control register (PTCR), 9-32 DMA registers DMA byte count registers (DMABCRx), 9-93 DMA current descriptor address registers (DMACDARx), 9-91 DMA destination address registers (DMADARx), 9-93 DMA mode registers (DMAMRx), 9-88 DMA next descriptor address registers (DMANDARx), 9-94 DMA source address registers (DMASARx), 9-92 DMA status registers (DMASRx), 9-90 door bell registers, 9-68 inbound (IDR), 9-68 outbound (ODR), 9-68 error address capture register (PCI_EACR), 9-39 error control capture register (PCI_ECCR), 9-40 error control register (ECR), 9-38 error data capture register (PCI_EDCR), 9-40 error mask register (EMR), 9-37 error status register (ESR), 9-35 general control register (PCI_GCR), 9-35 general purpose control register (GPCR), 9-33 general purpose local access base address registers (GPLABARx), 9-54 Hot Swap control status, 9-61 Hot Swap register block, 9-61 I20 unit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |