| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1369 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1369 Page - Freescale Semiconductor, Inc |
|
1369 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor Index-15 cross-reference guide, 3-1 quick reference guide, 3-1 serial communications controllers (SCCs) HDLC mode, 22-3 serial management controllers (SMCs) GCI mode, 28-31 transparent mode, 28-6 UART mode, 28-6 Microcode revision number, 14-12 Modes 60x bus mode 60x-compatible bus mode, 8-3 address latch enable (ALE), 11-10 data streaming mode, 8-25 extended transfer mode, 8-18 no-pipeline mode, 8-23 one-level pipeline mode, 8-23 single-MPC8280 bus mode, 8-2 ATM controller APC modes, 31-8 external rate mode, 31-6 internal rate mode, 31-6 transmit rate modes, 31-6 BISYNC mode, 23-1 cascaded mode, 18-3 echo mode, 28-1 HDLC mode, 22-1 hunt mode, 21-9 IDMA emulation edge-sensitive mode, 19-14 external request mode, 19-8 level-sensitive mode, 19-14 normal mode, 19-9 loopback mode, 28-1 NMSI mode, synchronization, 24-3 SCC AppleTalk mode, 26-1 serial interface (SI) echo mode, 15-7 serial peripheral interace (SPI) master mode, 39-3 slow go, 18-2 transparent mode overview, 38-1 serial communications controllers (SCCs), 24-1 serial management controllers (SMCs), 28-20 UART mode serial communications controllers (SCCs), 21-1 serial management controllers (SMCs), 28-10 MPTPR (memory refresh timer prescaler register), 11-32 Multi-channel controllers (MCCs) CHAMR HDLC mode, 29-8 transparent mode, 29-13, 29-15 channel extra parameters, 29-28 commands, 29-34 data structure organization, 29-2 exceptions, 29-35 features list, 29-1 global parameters, 29-4, 29-15 HDLC parameters (channel-specific), 29-5 initialization, 29-47 INTMSK, 29-15 MCCE, 29-37 MCCFx, 29-33 MCCM, 29-37 parameters for transparent operation, 29-11 RSTATE, 29-10 RxBD, 29-42 TSTATE, 29-7 TxBD, 29-45 MxMR (machine x mode registers), 11-26 N NMSI (non-multiplexed serial interface) configuration, 16-4 SMC NMSI connection, receive and transmit, 28-2 synchronization in NMSI mode, transparent operation, 24-3 O Operations atomic bus operation, 11-9 digital phase-locked loop (DPLL) operation, 20-21 SMC buffer descriptor, 28-4 transparent operation, NMSI sychronization, 24-3 ORx (option registers), 11-15 P Parallel I/O ports block diagram, 41-6 features, 41-1 overview, 41-1 PDATx, 41-2 PDIRx, 41-3 pin assignments (port A–port D), 41-8–41-20 PODRx, 41-1 port C interrupts, 41-20 port pin functions, 41-6 PPAR, 41-4 programming options, 41-8 PSORx, 41-4 registers, 41-1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |