| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1367 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1367 Page - Freescale Semiconductor, Inc |
|
1367 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor Index-13 IMA frame overview, 34-5 introduction, 34-4 root table data structures, 34-25 software interface and requirements, 34-58 initialization procedure, 34-59 software model, 34-58 software procedures, 34-62 end-to-end channel signalling, 34-74 transmit, 34-74 group start-up, 34-63 as initiator (TX), 34-64 as responder (RX), 34-65 IDCR operation, 34-73 IDCR mode group activation, 34-74 start-up, 34-73 link addition, 34-65 Rx steps, 34-65 TX parameters, 34-66 link receive deactivation procedure, 34-68 link receive reactivation, 34-69 link removal, 34-67 Rx steps, 34-67 TX parameters, 34-68 receive event response, 34-70 receive link start-up procedure, 34-62 test pattern, 34-72 as initiator (NE), 34-72 as responder (FE), 34-72 transmit event response, 34-70 transmit ICP cell signalling, 34-62 TRL on-the-fly change, 34-69 software responsibilities, 34-59 failure alarms, 34-61 general operation, 34-60 group symmetry control, 34-61 ICP end-to-end channel transmission, 34-61 link addition and slow recovery (LASR), 34-61 performance parameter measurement and reporting, 34-62 receive group state machine control, 34-60 receive link state machine control, 34-60 SNMP MIBs, 34-62 system definition, 34-59 test pattern control, 34-62 transmit group state machine control, 34-61 transmit link state machine control, 34-60 IMMR (internal memory map register), 4-36 Input/output port memory map, 3-9 Instruction field conventions, 1-lxxxviii Instruction queue (IQ), 2-5 Instruction timing overview, 2-26 Instruction unit, 2-5 Integer unit (IU), 2-6 Interrupts ATM interrupt queues, 31-82 RISC timer tables interrupt handling, 14-31 SCC interrupt handling, 20-16 Inverse Multiplexing for ATM (IMA) see IMA, 34-1 J JTAG implementation, 1-5 L L_TESCR1 (local bus transfer error status and control register 1), 4-43 L_TESCR2 (local bus transfer error status and control register 2), 4-44 L_TESCRx (local bus error status and control registers), 11-33 LCL_ACR (local bus arbiter configuration register), 4-31 LCL_ALRH (local bus arbitration high-level register), 4-32 LCL_ALRL (local bus arbitration low-level register), 4-33 LDTEA (SDMA local bus transfer error address register), 19-4 LDTEM (SDMA local bus transfer error MSNUM register), 19-4 Load/store unit (LSU), 2-7 Loopback mode, 15-7 LSDMR (local bus SDRAM mode register), 11-24 LSRT (local bus-assigned SDRAM refresh timer) register, 11-32 LURT (local bus-assigned UPM refresh timer) register, 11-30 M MCCE (MCC event) register, 29-37 MCCFx (MCC configuration registers), 29-33 MCCM (MCC mask) register, 29-37 MDR (memory data register), 11-28 Memory controller address checking, 11-7 address latch enable (ALE), 11-10 address space checking, 11-7 architecture overview, 11-4 atomic bus operation, 11-9 basic architecture, 11-4 basic operation, 11-7 boot chip-select operation, 11-62 controlling the timing of GPL1, GPL2, and CSx, 11-69 CSx timing example, 11-69 delayed read, 11-9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |