| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1365 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1365 Page - Freescale Semiconductor, Inc |
|
1365 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor Index-11 General-purpose signals, 11-76 GFMR (general FCC mode register), 30-3, 31-88 GMODE (global mode entry), 31-40 GPLn (general-purpose signals), 11-76 GSMR (general SCC mode register) AppleTalk mode, 26-4 HDLC bus protocol, programming, 22-22 overview, 20-3 GSMR_H,, 31-96, 31-98, 31-99 gsmr_h,, 31-96, 31-98, 31-99 H HDLC mode accessing the bus, 22-18 bus controller, 22-16 collision detection, 22-16, 22-19 commands, 22-5 delayed RTS mode, 22-20 error handling, 22-5 fast communications controllers (FCCs) bit stuffing, 37-1 error control, 37-1 error handling, 37-6 FCCE, 37-14 FCCM, 37-14 FCCS, 37-16 features list, 37-1 FPSMR, 37-7 frame reception, 37-3 frame transmission, 37-2 overview, 37-1 parameter RAM, 37-3 programming model, 37-5 receive commands, 37-6 reception errors, 37-6 RxBD, 37-9 transmission errors, 37-6 transmit commands, 37-5 TxBD, 37-12 features list, 22-1 GSMR, HDLC bus protocol programming, 22-22 multi-master bus configuration, 22-17 overview, 22-1 parameter RAM, 22-3 performance, increasing, 22-19 programming example, 22-14, 22-22 programming the controller, 22-4 PSMR, 22-7 RxBD, 22-8 single-master bus configuration, 22-18 TxBD, 22-11 using the TSA, 22-21 HID0 register bit settings, 2-11 doze, nap, sleep, DPM bits, 2-12 I I2ADD (I 2C address) register, 40-6 I2BRG (I 2C baud rate generator) register, 40-7 I 2C controller block diagram, 40-1 BRGCLK, 40-2 clocking and pin functions, 40-2 commands, 40-11 features list, 40-2 loopback testing, 40-4 master read (slave write), 40-4 master write (slave read), 40-3 multi-master considerations, 40-5 parameter RAM, 40-9 programming model, 40-5 registers, 40-5 RxBD, 40-12 slave read (master write), 40-3 slave write (master read), 40-4 transfers, 40-2 TxBD, 40-13 I2C memory map,, 3-18 I2CER (I 2C event register), 40-7 I2CMR (I 2C mask register), 40-7 I2COM (I 2C command) register, 40-8 I2MOD (I 2C mode) register, 40-6 IDL interface programming,, 15-29 IDL interface support, 15-25 IDMA emulation auto buffer, 19-15 buffer chaining, 19-15 buffers, 19-23 bus exceptions, 19-27 commands, 19-26 controlling 60x bus bandwidth, 19-11 DACKx, 19-13 DCM, 19-18 DONEx, 19-14 DREQx, 19-13 DTS/STS programming, 19-21 dual-address transfers, 19-10 edge-sensitive mode, 19-14 exception, bus, 19-27 external request mode, 19-8 features list, 19-5 IDMR, 19-23 IDSR, 19-23 level-sensitive mode, 19-14 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |