| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1366 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1366 Page - Freescale Semiconductor, Inc |
|
1366 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Index-12 Freescale Semiconductor normal mode, 19-9 operand transfers, recognizing, 19-28 operation, 19-15 overview, 19-5 parallel I/O register programming, 19-28 parameter RAM, 19-16 priorities, 19-12 programming examples, 19-29 programming the parallel I/O registers, 19-28 signals, 19-13 single address transfers (fly-by), 19-10 transfers, 19-6 IDMA parameter RAM,, 19-16 IDMR (IDMA mask registers), 19-23 IDSR (IDMA event (status) register), 19-23 IEEE 1149.1 test access port block diagram, 1-2 boundary scan register, 1-3 instruction decoding, 1-6 instruction register, 1-5 nonscan chain operation, 1-7 overview, 1-1 restrictions, 1-7 TAP controller, 1-2 IMA, 34-1 FCC programming registers, 34-26 features, 34-1 ATM features not supported, 34-4 impact on MPC8280 features, 34-4 MPC8280 versions supported, 34-3 PHY-layer devices supported, 34-3 references, 34-3 versions supported, 34-3 microcode architecture, 34-10 function partitioning, 34-10 plane management functions, 34-11 receive, 34-17 cell processing activation function, 34-22 cell processing task, 34-24 cell reception task, 34-17 IDCR-regulated cell processing, 34-23 on-demand cell processing, 34-22 summary, 34-21 transmit, 34-11 non-TRL operation, 34-13 transmit queue (ITC mode), 34-14 TRL operation, 34-12 user plan functions, 34-11 programming model, 34-25 APC programming, 34-56 ABR, 34-57 CBR, UBR, VBR, and UBR+, 34-57 data structure organization, 34-25 exceptions, 34-49 ICP cell reception exceptions, 34-51 interrupt queue entry, 34-50 FCC programming IMA-specific parameters, 34-26 parameters, 34-26 GMODE, 34-26 RCELL_TMP_BASE, 34-26 TCELL_TMP_BASE, 34-26 group tables, 34-30 group receive control (IGRCNTL), 34-38 group receive state (IGRSTATE), 34-39 group receive table entry, 34-36 group transmit state (IGTSTATE), 34-32 ICP cell templates, 34-33 receive group frame size, 34-39 receive group order tables, 34-40 transmit group order table, 34-32 transmit table entry, 34-30 group transmit control (IGTCNTL), 34-31 IDCR timer programming, 34-52 FCC parameter shadow, 34-52 on-the-fly FCC parameter changes, 34-53 programming, 34-53 unavailable MPC8280 features, 34-52 IDCR counter algorithm, 34-55 IDCR events, 34-55 IDCR root parameters, 34-54 IDCR table entry, 34-54 IDCR_Init command, 34-54 master clock, 34-52 IMA FCC programming, 34-26 link tables, 34-41 link receive statistics table, 34-48 link receive table entry, 34-44 link receive control (ILRCNTL), 34-46 link receive state (ILRSTATE), 34-47 link transmit table entry, 34-41 ILTCNTL, 34-42 link transmit state (ILTSTATE), 34-43 transmit interrupt status (ITINTSTAT), 34-43 root table, 34-27 control (IMACNTL), 34-29 structures in external memory, 34-48 transmit queues, 34-48 delay compression buffers (DCB), 34-49 protocol overview, 34-4 IMA cells, 34-7 control cells, 34-7 filler cells, 34-10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |