| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1368 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1368 Page - Freescale Semiconductor, Inc |
|
1368 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Index-14 Freescale Semiconductor EDO interface connection, MPC8280 to 60x bus, 11-92 error checking and correction (ECC), 11-8 external master support, 11-102 external support, 11-10 features common to all machines, 11-5 features list, 11-3 general-purpose chip-select machine (GPCM) access termination, external, 11-61 assertion timing, 11-53 common features, 11-5 differences between MPC8xx and MPC8280, 11-63 external access termination, 11-61 implementation differences with UPMs and SDRAM machine, 11-6 interface signals, 11-52 MPC8xx versus MPC8280, 11-63 OE timing, 11-58 overview, 11-51 programmable wait state configuration, 11-58 PSDVAL, 11-58 read access extended hold time, 11-59 relaxed timing, 11-56 SRAM configuration, 11-52 strobe signal behavior, 11-53 terminating external accesses, 11-61 timing configuration, 11-53 write enable deassertion timing, 11-54 GPLn timing example, 11-69 implementation differences between machines, 11-6 machine selection, 11-5 MAR in 60x-compatible mode, 11-77 new features supported, 11-1 overview, 11-1 page hit checking, 11-7 parity byte select (PBSE), 11-10 parity checking, 11-8 parity generation, 11-8 programming model, 11-12 PSDVAL, 11-10, 11-58 register descriptions, 11-12 SDRAM machine (synchronous DRAM machine) address multiplexing, 11-37 bank interleaving, 11-36 BSMA bit, 11-37 commands, JEDEC-standard, 11-35 common features, 11-5 configuration example, 11-48 implementation differences with UPMs and GPCM, 11-6 JEDEC-standard commands, 11-35 MODE-SET command timing, 11-47 overview, 11-33 page mode support, 11-36 parameters activate-to-read/write interval, 11-39 column address to first data out, 11-40 last data in to precharge, 11-41 last data out to precharge, 11-41 overview, 11-38 precharge-to-activate interval, 11-39 refresh recovery interval (RFRC), 11-42 pipeline accesses, 11-36 power-on initialization, 11-35 read/write transactions supported, 11-46 refresh, 11-47 SDAM bit, 11-37 supported configurations, 11-35 TEA generation, 11-8 UPMs (user-programmable machines) access times, handling devices, 11-102 address control bits, 11-77 address multiplexing, 11-77 clock timing, 11-67 common features, 11-5 data sample control, 11-77 data valid, 11-77 differences between MPC8xx and MPC8280, 11-80 DRAM configuration example, 11-79 EDO interface example, 11-92 exception requests, 11-67 hierarchical bus interface example, 11-102 implementation differences with SDRAM machine and GPCM, 11-6 loop control, 11-76 memory access requests, 11-66 memory system interface example, 11-81 MPC8xx versus MPC8280, 11-80 overview, 11-63 programming the UPM, 11-67 RAM array, 11-69 RAM word, 11-70 refresh timer requests, 11-66 register settings, 11-80 requests, 11-65 signal negation, 11-78 signals, 11-63 software requests, 11-67 UPWAIT signal, 11-78 wait mechanism, 11-78 Memory management units (MMUs), 2-8 memory map BRGs,, 3-18 clocks and reset keys,, 3-5 PIP,, 3-13 Memory maps |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |