| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1371 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1371 Page - Freescale Semiconductor, Inc |
|
1371 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor Index-17 DMA chaining mode, 9-86 DMA coherency, 9-87 DMA transfer types, 9-87 halt and error conditions, 9-87 mode registers (DMAMRx), 9-88 next descriptor address registers (DMANDARx), 9-94 source address registers (DMASARx), 9-92 status registers (DMASRx), 9-90 error handling, 9-97 interrupt and error signals, 9-97 embedded utilities, 9-100 error reporting, 9-98 illegal register access error, 9-98 parity error (PERR), 9-98 PCI bus error signals, 9-97 PCI interface, 9-98, 9-99, 9-100 system error (SERR), 9-98 in MPC8280, 9-2 initialization, 9-3 interface, 9-5 bus arbitration, 9-19 alogrithm, 9-19 master latency timer, 9-20 parking, 9-19 operation, 9-6 bus commands, 9-6 bus transactions read and write, 9-9 termination, 9-11 error functions, 9-17 parity, 9-17 reporting, 9-18 other bus operations, 9-13 agent mode configuration access, 9-16 data streaming, 9-14 device selection, 9-13 fast back-to-back transactions, 9-14 host mode configuration access, 9-15 interrupt acknowledge, 9-17 special cycle command, 9-16 protocol fundamentals, 9-7 addressing, 9-8 basic transfer control, 9-8 bus driving and turnaround, 9-9 byte enable signals, 9-9 interrupts from, 9-4 message unit (I2O), 9-66 door bell registers, 9-68 inbound (IDR), 9-68 outbound (ODR), 9-68 I20 unit, 9-69 I20 registers, 9-77 inbound FIFO queue port register (IFQPR), 9-77 inbound message interrupt mask register (IMIMR), 9-82 inbound message interrupt status register (IMISR), 9-81 messaging unit control register (MUCR), 9-83 outbound FIFO queue port register (OFQPR), 9-78 outbound message interrupt mask register (OMIMR), 9-80 outbound message interrupt status register (OMISR), 9-79 queue base address register (QBAR), 9-84 inbound FIFOs, 9-70 PCI configuration identification, 9-70 inbound FIFOs Free_FIFO head pointer register (IFHPR), 9-71 Free_FIFO tail pointer register (IFTPR), 9-71 post_FIFO head pointer register (IPHPR), 9-72 post_FIFO tail pointer register (IPTPR), 9-72 message registers, 9-66 inbound message registers (IMRx), 9-66 outbound message registers (OMRx), 9-67 outbound FIFOs, 9-74 free_FIFO head pointer register (OFHPR), 9-74 free_FIFO tail pointer register (OFTPR), 9-74 post_FIFO head pointer register (OPHPR), 9-75 post_FIFO head pointer register (OPTPR), 9-75 PCI parity operation, 9-18 SDMA interface, 9-3 signals, 9-3 single beat read example, 9-10 single beat write example, 9-11 structure, 9-2 target-initiated terminations, 9-12 PDATx (port data) registers, 41-2 PDIRx (port data direction registers), 41-3 PDTEA (SDMA 60x bus transfer error address register), 19-4 PDTEM (SDMA 60x bus transfer error MSNUM register), 19-4 PISCR (periodic interrupt status and control register), 4-47 PITC (periodic interrupt timer count register), 4-48 PITR (periodic interrupt timer register), 4-49 PLL pins,, 10-5 PLPRCR,, 10-7 PODRx (port open-drain registers), 41-1 PORESET,, 6-14 Power consumption FCCs, 30-22 SCCs, 20-25 PPAR (port pin assignment register), 41-4 PPC_ACR (60x bus arbiter configuration register), 4-29 PPC_ALRH (60x bus arbitration high-level register), 4-30 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |