| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1364 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1364 Page - Freescale Semiconductor, Inc |
|
1364 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Index-10 Freescale Semiconductor transparent mode features list, 38-1 receive operation, 38-2 synchronization achieving, 38-2 example, 38-3 external signals, 38-3 in-line pattern, 38-2 transmit operation, 38-2 FCCE register ATM, 31-91 Ethernet, 36-21 FCC overview, 30-15 HDLC, 37-14 FCCM register ATM, 31-91 Ethernet, 36-21 FCC overview, 30-15 HDLC, 37-14 FCCS (FCC status) register, 30-15, 37-16 FCRx (function code registers), 30-14 FDSRx (FCC data synchronization registers), 30-8 Features list SIU interrupt controller, 4-7 Features lists communications processor (CP), 14-4 communications processor module (CPM), 14-1 ATM controller, 31-1 parallel I/O ports, 41-1 CPM multiplexing, 16-2 Ethernet mode, 25-2 fast communications controllers (FCCs) Fast Ethernet, 36-2 HDLC mode, 37-1 transparent mode, 38-1 G2_LE core, 2-3 HDLC bus controller, 22-18 I 2C controller, 40-2 IDMA emulation, 19-5 implementation-specific, 1-1 memory controller features list, 11-3 new features supported, 11-1 multi-channel controllers (MCCs), 29-1 processor core, 2-3 RISC timer tables, 14-27 serial communications controllers (SCCs) AppleTalk mode, 26-2 BISYNC mode, 23-2 general list, 20-2 HDLC mode, 22-1 transparent mode, 24-1 UART mode, 21-2 serial interface, 15-3 serial management controllers (SMCs) general list, 28-2 transparent mode, 28-20 UART mode, 28-11 UART mode, features not supported, 28-10 serial peripheral interface (SPI), 39-1 timers, 18-1 Floating-point unit (FPU), 2-6 FPSMR register Ethernet, 36-19 HDLC, 37-7 protocol-specific mode, 30-8 FPU, 2-3 Frame number (FRAME_N), 27-15 FTODRx (FCC transmit-on-demand registers), 30-9 G G2 features not present on PID6-603e, 2-5 G2_LE core features, 2-3 branch processing unit, 2-6 completion unit, 2-7 dispatch unit, 2-5 execution units, 2-6 floating-point unit (FPU), 2-6 integer unit (IU), 2-6 load/store unit (LSU), 2-7 System register unit (SRU, 2-7 instruction queue (IQ), 2-5 instruction unit, 2-5 memory subsystem support, 2-7 overview, 2-1 GCI activation and deactivation, 15-33 programming, 15-33 support, 15-31 General-purpose chip-select machine (GPCM) common features, 11-5 differences between MPC8xx and MPC8280, 11-63 external access termination, 11-61 implementation differences with UPMs and SDRAM machine, 11-6 interface signals, 11-52 MPC8xx versus MPC8280, 11-63 overview, 11-51 SRAM configuration, 11-52 strobe signal behavior, 11-53 terminating external accesses, 11-61 timing configuration, 11-53 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |