| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1380 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1380 Page - Freescale Semiconductor, Inc |
|
1380 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Index-26 Freescale Semiconductor received, TC_RCCx, 35-12 transmitted, TC_TCCx, 35-12 features, 35-1 functionality, 35-3 ATM cell functions 2-cell FIFO, 35-6 receive, 35-4 transmit, 35-6 UTOPIA interface receive, 35-7 transmit, 35-7 implementation example, 35-15 operating at higher frequencies, 35-16 programming a T1 application, 35-16 step 1, 35-17 step 2, 35-17 step 3, 35-17 step 4, 35-17 step 5, 35-17 step 6, 35-18 step 7, 35-18 programming and operating the TC layer, 35-13 programming FCC2, 35-13 programming mode, 35-7 signals, 35-7 TCN (timer counter registers), 18-7 TCn (transfer code) signals, 8-12 TCR (timer capture registers), 18-7 TDM,, 16-1 TER (timer event registers), 18-7 Terminology conventions, 1-lxxxvii TESCRx (60x bus error status and control registers), 4-40, 11-33 TFCR (Tx buffer function code register) overview, 20-15 TGCR (timer global configuration registers), 18-3 Timers block diagram, 18-1 bus monitoring, 18-3 cascaded mode block diagram, 18-3 features, 18-1 general-purpose units, 18-2 pulse measurement, 18-3 Time-slot assigner connecting to the TSA, 15-7 Time-slot assigner (TSA) synchronization in transparent mode, 24-6 Timing SCC timing, controlling, 20-17 TM_CMD (RISC timer command) register, 14-29 TMCNT (time counter register), 4-45 TMCNTAL (time counter alarm register), 4-46 TMCNTSC (time counter status and control register), 4-44 TMR (timer mode registers), 18-5 TODR (transmit-on-demand register) AppleTalk mode, 26-4 overview, 20-10 TOSEQ (transmit out-of-sequence) register, 21-9 Transmission convergence (TC) layer, 35-1 Transparent mode achieving synchronization, 24-3 commands, 24-7 DSR receiver SYNC pattern lengths, 24-3 end of frame detection, 24-6 error handling, 24-8 fast communications controllers (FCCs) features list, 38-1 receive operation, 38-2 synchronization achieving, 38-2 example, 38-3 external signals, 38-3 in-line pattern, 38-2 transmit operation, 38-2 frame reception, 24-2 frame transmission, 24-2 inherent synchronization, 24-6 in-line synchronization, 24-6 overview, 24-1 programming example, 24-13 RxBD, 24-9 serial management controllers (SMCs) features list, 28-20 overview, 28-20 parameter RAM, 28-6 reception process, 28-21 synchronization signals, 24-3 synchronization, user-controlled, 24-5 transmit synchronization, 24-3 TxBD, 24-10 TRR (timer reference registers), 18-6 TSIZn (transfer size) signals, 8-12 TSTATE (internal transmitter state) register, 29-7 TTn (transfer type) signals, 8-9 U UART mode commands, 21-6 control character insertion, 21-9 data handling, character and message-based, 21-5 error reporting, 21-5 features list, 21-2 fractional stop bits, 21-10 handling errors, 21-11 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |