Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38 Datasheet(PDF) 75 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 75 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 71Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 72Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 73Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 74Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 75Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 76Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 77Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 78Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 79Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-75
2.7.2
Control
The timer/counter 3 is controlled by a timer/counter 3 control register (TC3CR) and two
8-bit timer registers (TC3DRA and TC3DRB) and port multiplex control register
(PMPXCR).
7
6
5
4
3
2
1
0
TC3DRA
(0018H)
Read/Write (Initial value: 1111 1111)
TC3DRB
(0019H)
Read only (Initial value: 1111 1111)
7
6
5
4
3
2
1
0
TC3CR
(001AH)
ACAP
TC3S
TC3K
TC3M
(Initial value: *0*0 0000)
TC3M
TC3 operating mode select
0: Timer/event counter
1: Capture
NORMAL, IDLE mode
DV1CK
= 0
DV1CK
= 1
000
fc/2
13
fc/2
14
001
fc/2
12
fc/2
13
010
fc/2
11
fc/2
12
011
fc/2
10
fc/2
11
100
fc/2
9
fc/2
10
101
fc/2
8
fc/2
9
110
fc/2
7
fc/2
8
TC3CK
TC3 source clock select [Hz]
111
External clock (TC3 pin input)
TC3S
TC3
start control
0: Stop and clear
1: Start
ACAP
Auto-capture control
0:
−
1: Auto-capture enable
Write
only
Note 1:
fc: High-frequency clock [Hz], *: Don’t care.
Note 2:
Set the mode and source clock when the TC3 stops (TC3S
= 0).
Note 3:
Values to be loaded to timer register 3A must satisfy the following condition
TC3DRA
> 0 (in the timer and event counter mode).
Note 4:
Auto-capture can be used only int the timer and event counter mode.
Note 5:
Before setting TC3DRA or switching the operation mode, stop the TC3 (TC3S
= 0).
Note 6:
When STOP mode is started, timer counter is stopped and TC3 start control (TC3S) is cleared to “0”
automatically. Set TC3S to “1” after STOP mode is released for restarting timer counter.
Note 7:
TC3CR, TCESCR is a write-only register and must not be used with any of the read-modify-write
instructions.
7
6
5
4
3
2
1
0
PMPXCR
(0027H)
“0”
CHS
TC4ES
TC3ES
(Initial value: 00** **00)
TC3ES
TC3 input control
0: Normal
1: Invert
Write
only
Note 8
Always write “0” to bit7 in PMPXCR.
Figure 2.7.2 Timer Registers 3 and TC3 Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com