Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38 Datasheet(PDF) 89 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 89 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 85Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 86Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 87Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 88Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 89Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 90Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 91Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 92Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 93Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-89
2.9.7
I
2C Bus Mode Control
The following registers are used to control the serial bus interface (SBI) and monitor the
operation status in the I2C bus mode.
Serial Bus Interface Control Register A
7
6
5
4
3
2
1
0
SBICRA
(00020H)
BC
ACK
SCK
(Initial value: 0000 *000)
ACK
= 0
ACK
= 1
BC
Number of
clock
Bits
Number of
clock
Bits
000
8
8
9
8
001
1
1
2
1
010
2
2
3
2
011
3
3
4
3
100
4
4
5
4
101
5
5
6
5
110
6
6
7
6
BC
Number of transferred bits
111
7
7
8
7
Write
only
ACK
Master mode
Slave mode
0
Not generate a clock
pulse for an
acknowledgement.
Not count a clock pulse
for an
acknowledgement.
ACK
Acknowledgement mode
specification
1
Generate a clock pulse
for an
acknowledgement.
Count a clock pulse for
an acknowledgement.
R/W
DV1CK
= 0
DV1CK
= 1
SCK
Serial clock selection
(At fc
= 16 MHz, output on SCL pin)
000: Reserved (Note 3)
001: Reserved (Note 3)
010: Reserved (Note 3)
011:
60.6 kHz
100:
30.7 kHz
101:
15.5 kHz
110:
7.8 kHz
111: Reserved
000: Reserved(Note 3)
001: Reserved(Note 3)
010:
58.8 kHz
011:
30.3 kHz
100:
15.4 kHz
101:
7.7 kHz
110:
3.9 kHz
111: Reserved
Write
only
Note 1:
Set the BC to “000” before switching to 8-bit SIO bus mode.
Note 2:
SBICRA cannot be used with any of read-modify-write instructions such as bit manipulation, etc.
Note 3:
This I2C bus circuit does not support the Fast mode. It supports the Standard mode only. Although
the I2C bus circuit itself allows the setting of a baud rate over 100 kbps, the compliance with the I2C
specification is not guaranteed in that case.
Serial Bus Interface Data Buffer Register
7
6
5
4
3
2
1
0
SBIDBR
(00021H)
(Initial value: **** ****)
R/W
Note 1:
For writing transmitted data, start from the MSB (Bit7).
Note 2:
The data which was written into SBIDBR cannot be read, since a write data buffer and a read buffer are
independent in SBIDBR. Therefore, SBIDBR cannot be used with any of read-modify-write instructions
such as bit manipulation, etc.
I
2C bus Address Register
7
6
5
4
3
2
1
0
Slave address
I2CAR
(00022H)
SA6
SA5
SA4
SA3
SA2
SA1
SA0
ALS
(Initial value: 0000 0000)
SA
Slave address selection
ALS
Address recognition mode
specification
0: Slave address recognition
1: Non slave address recognition
Write
only
Note 1:
I2CAR is write-only register and cannot be used with any of read-modify-write instruction such as bit
manipulation, etc.
Note 2:
Do not set I2CAR to “00H” to avoid the incorrect response of acknowledgment in slave mode. If “00H” is set
to I2CAR as the Slave Address and received “01H” in slave mode, the device might transmit the
acknowledgement incorrectly.
Figure 2.9.5 Serial Bus Interface Control Register A, Serial Bus Interface Data Buffer Register
and I
2C Bus Address Register In The I2C Bus Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com